Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-190-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # FPT705-190-R
Description  Dual Conductor, High Current Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FPT705-190-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  FPT705-190-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FPT705-190-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FPT705-190-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FPT705-190-R Datasheet HTML 4Page - Cooper Bussmann, Inc. FPT705-190-R Datasheet HTML 5Page - Cooper Bussmann, Inc. FPT705-190-R Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0812
BU-SB12618
Page 4 of 6
Data Sheet: 4451
Inductance Characteristics
FPT705-190-R
FPT705-200-R & -230-R
30%
40%
50%
60%
70%
80%
90%
100%
110%
0
5
10
15
20
25
30
35
40
45
50
Idc (Amps)
30%
40%
50%
60%
70%
80%
90%
100%
110%
05
10
15
20
25
30
35
40
45
50
Idc (Amps)
FP T705-200-R
FP T705-230-R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com