Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6226 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8AF6226
Description  Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6226 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8AF6226 Datasheet HTML 22Page - STMicroelectronics STM8AF6226 Datasheet HTML 23Page - STMicroelectronics STM8AF6226 Datasheet HTML 24Page - STMicroelectronics STM8AF6226 Datasheet HTML 25Page - STMicroelectronics STM8AF6226 Datasheet HTML 26Page - STMicroelectronics STM8AF6226 Datasheet HTML 27Page - STMicroelectronics STM8AF6226 Datasheet HTML 28Page - STMicroelectronics STM8AF6226 Datasheet HTML 29Page - STMicroelectronics STM8AF6226 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
Pinouts and pin description
STM8AF61xx, STM8AF62xx
26/89
Doc ID 14952 Rev 6
Table 10.
STM8AF61xx/62xx (32 Kbytes) microcontroller pin description(1)(2)
Pin
number
Pin name
Input
Output
Default alternate
function
Alternate
function after
remap
[option bit]
1
1 NRST
I/O
-
X
-
-
-
-
-
Reset
—
22 PA1/OSCIN(3)
I/O
X
X-
-
O1
X
X Port A1
Resonator/crystal in
—
3
3 PA2/OSCOUT
I/O
X
XX
-
O1
X
X Port A2
Resonator/crystal out
—
4-
VSSIO_1
S
-
-
-
-
-
-
-
I/O ground
—
54 VSS
S
-
-
-
-
-
-
-
Digital ground
—
6
5 VCAP
S
-
-
-
-
-
-
-
1.8 V regulator capacitor
—
76 VDD
S
-
-
-
-
-
-
-
Digital power supply
—
87 VDDIO_1
S
-
-
-
-
-
-
-
I/O power supply
—
-
8 PF4/AIN12(4)(5)
I/O
X
X-
O1
X
X Port F4
Analog input 12
—
9
-
PA3/TIM2_CH3
I/O
X
XX
-
O1
X
X Port A3
Timer 2 - channel 3
TIM3_CH1
[AFR1]
10
-
PA4
I/O
X
XX
-
O3
X
X Port A4
—
11
-
PA5
I/O
X
XX
-
O3
X
X Port A5
—
12
-
PA6
I/O
X
XX
-
O3
X
X Port A6
—
13
9 VDDA
S
-
-
-
-
-
-
-
Analog power supply
—
14 10 VSSA
S
-
-
-
-
-
-
-
Analog ground
—
15
-
PB7/AIN7
I/O
X
XX
-
O1
X
X Port B7
Analog input 7
—
16
-
PB6/AIN6
I/O
X
XX
-
O1
X
X Port B6
Analog input 6
—
17 11 PB5/AIN5
I/O
X
XX
-
O1
X
X Port B5
Analog input 5
I2C_SDA
[AFR6]
18 12 PB4/AIN4
I/O
X
XX
-
O1
X
X Port B4
Analog input 4
I2C_SCL
[AFR6]
19 13 PB3/AIN3
I/O
X
XX
-
O1
X
X Port B3
Analog input 3
TIM1_ETR
[AFR5]
20 14 PB2/AIN2
I/O
X
XX
-
O1
X
X Port B2
Analog input
TIM1_
NCC3
[AFR5]
21 15 PB1/AIN1
I/O
X
XX
-
O1
X
X Port B1
Analog input 1
TIM1_
NCC2
[AFR5]
22 16 PB0/AIN0
I/O
X
XX
-
O1
X
X Port B0
Analog input 0
TIM1_
NCC1
[AFR5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com