Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIPXI-8110RT Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPXI-8110RT
Description  2.26 GHz Intel Core 2 Quad Real-Time Embedded Controllers for PXI
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-8110RT Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPXI-8110RT Datasheet HTML 1Page - National Instruments Corporation NIPXI-8110RT Datasheet HTML 2Page - National Instruments Corporation NIPXI-8110RT Datasheet HTML 3Page - National Instruments Corporation NIPXI-8110RT Datasheet HTML 4Page - National Instruments Corporation NIPXI-8110RT Datasheet HTML 5Page - National Instruments Corporation NIPXI-8110RT Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Create Reliable Stand-Alone Systems
To ensure reliable operation, embedded LabVIEW Real-Time applications
continue to run even if the host PC is interrupted or rebooted. Because
the PXI-8110 RT embedded controller runs in a separate chassis with a
dedicated power supply, the operator can shut down the host computer
entirely without disrupting the real-time program.
For stand-alone operation, you can embed code in the system so
that it starts automatically when the system boots, requiring no human
interaction. Use the LabVIEW Professional Development System and
LabVIEW Real-Time Module to compile your LabVIEW application into
an executable and download it to your PXI-8110 RT controller.
Dual-Boot Option
You can configure NI PXI embedded controllers to boot into Windows or
the real-time OS. NI Measurement & Automation Explorer (MAX) includes
features for installing and configuring PXI embedded controllers as
LabVIEW Real-Time targets. The controllers use a hardware switch or
BIOS setting to boot into the desired OS.
The result is a PXI embedded controller that can run embedded
LabVIEW Real-Time or Windows applications. When the controller is in
real-time mode, you need another Windows computer to develop and
debug the LabVIEW Real-Time code for the PXI controller. To enable a
Windows PXI embedded controller to dual-boot with the real-time OS,
you must purchase the LabVIEW Real-Time embedded deployment
software for the controller.
Extended Temperature and
24/7 Operation Option
The PXI-8110 RT embedded controller is available in two versions to
address different environmental and usage conditions. The primary
difference is that the version for extended temperature and 24/7
operation uses a different hard drive designed for reliability in both
low- and high-temperature extremes and 24/7 operation. The standard
version of the controllers has an operating temperature of 5 to 50 °C and
a storage temperature of -40 to 65 °C. The extended temperature and
24/7 operation version has an operating temperature of 0 to 55 °C and
a storage temperature of -40 to 71 °C.
You can also use the extended temperature and 24/7 operation
version for applications that require continuous operation for up to
24 hours/day, seven days/week because the hard drive is rated for 24/7
operation. The hard drive in the standard version of the controllers is
designed to be powered on for eight hours/day, five days/week.
Additionally, 24/7 operation applications may subject the hard drive to a
high duty cycle (the percentage of the maximum sustained throughput of
the hard drive). The hard drive in the standard version of the controllers
is designed for a 20 percent duty cycle. The hard drives in the extended
temperature and 24/7 operation version and the standard version have a
capacity of 80 GB (minimum) with a SATA interface.
Real-Time Performance Benchmarks
Table 2 contains the PID loop rate benchmark numbers for the
PXI-8110 RT. For a direct comparison, the benchmarks for the PXI-8110
RT embedded controller were artificially restricted to exercise only the
first two CPU cores on the Intel Q9100 quad-core processor. You must
architect real-time applications to create four independent execution
threads by implementing programming strategies such as task
parallelism, data parallelism, and pipelining to fully exercise the four
cores on the PXI-8110 RT embedded controller. For in-depth real-time
multicore programming resources, visit ni.com/multicore.
2.26 GHz Intel Core 2 Quad Real-Time Embedded Controllers for PXI
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
CPU
Intel Core 2 Quad Q9100 processor
(2.26 GHz quad core)
800 MHz DDR2 RAM, standard
2 GB (1 x 2 GB)
800 MHz DDR2 RAM, maximum
2 GB (1 x 2 GB)
Hard drive (standard option), minimum
120 GB SATA (7200 rpm)
Hard drive (extended temperature
and 24/7 option), minimum
80 GB SATA (5400 rpm)
Storage, solid state
Optional1
Extended temperature and
24/7 operation option

10/100/1000BASE-TX (Gigabit) Ethernet

Serial port (RS232)

Parallel port

Hi-Speed USB ports
4
GPIB (IEEE 488) controller

ExpressCard/34 slot

Watchdog/trigger SMB

1
Optional 32 GB solid-state drive can replace the hard drive.
Table 1. NI PXI-8110 RT Features
Loop Rates (kHz)
Benchmark Processing Channels
DAQ I/O
Mode
PXI-8106 RT PXI-8108 RT PXI-8110 RT
Analog I/O
PID
1
Polling
86
136
129
Analog I/O
PID
1
Interrupt
35
50
54
Analog I/O
PID
4
Polling
51
77
75
Analog I/O
PID
4
Interrupt
33
40
41
Analog I/O
PID
16
Polling
26
31
31
Analog I/O
PID
16
Interrupt
16
24
24
Table 2. Maximum loop rates for LabVIEW Real-Time PXI systems are shown. All bench-
marks use the LabVIEW Real-Time Module 8.6.1 with NI-DAQmx 8.6. Benchmarks were
revised to adhere to the architecture recommended by NI for symmetric multiprocessing-
enabled systems. Benchmarks that do not test network performance run on a headless
target without a direct Ethernet connection for maximum performance. Benchmarks
that do test network performance use interrupt-mode Ethernet via a direct connection
between the host PC and real-time target with a crossover cable. Visit ni.com or contact
National Instruments for additional benchmarks.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com