Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF518A Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM8AF518A
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF518A Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM8AF518A Datasheet HTML 99Page - STMicroelectronics STM8AF518A Datasheet HTML 100Page - STMicroelectronics STM8AF518A Datasheet HTML 101Page - STMicroelectronics STM8AF518A Datasheet HTML 102Page - STMicroelectronics STM8AF518A Datasheet HTML 103Page - STMicroelectronics STM8AF518A Datasheet HTML 104Page - STMicroelectronics STM8AF518A Datasheet HTML 105Page - STMicroelectronics STM8AF518A Datasheet HTML 106Page - STMicroelectronics STM8AF518A Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Revision history
Doc ID 14395 Rev 9
103/110
22-Aug-2008
Rev 2
cont’d
Table 35: Removed ACCHSI parameters and replaced with ACCHS
parameters; amended data and footnotes.
Amended data of ‘RAM and hardware registers’ table.
Table 37: Updated names and data of NRW and tRET parameters.
Table 40: Added VOH and VOL parameters; Updated Ilkg ana
parameter.
Removed: Output driving current (standard ports), Output driving
current (true open drain ports), and Output driving current (high sink
ports).
Table 45: Updated fADC, tS, and tCONV data.
ADC accuracy for VDDA = 3.3 V table: Removed the 4-MHz condition
from all parameters.
Table 46: Removed the 4-MHz condition from all parameters;
updated footnote 1 and removed footnote 2.
Table 50: Added data for TA = 145 °C.
Figure 52: Updated memory size, pin count and package type
information.
16-Sep-2008
Rev 3
Replaced the salestype ‘STM8H61xx’ with ‘STM8AH61xx on the first
page.
Added ‘part numbers’ to heading rows of Table 1: Device summary.
Updated the 80-pin package silhouette on page 1 in line with POA
0062342-revD.
Table 18: Renamed ‘TMU key registers 0-7 [7:0]’ as ‘TMU key
registers 1-8 [7:0]’
Section 9: Updated introductory text concerning option bytes which
do not need to be saved in a complementary form.
Table 18: Renamed the option bits ‘TMU[0:3]’, ‘NTMU[0:3]’, and
‘TMU_KEY 0-7 [7:0]’ as ‘TMU[3:0]’, ‘NTMU[3:0]’, and ‘TMU_KEY 1-8
[7:0]’ respectively.
Table 21: Updated values of option byte 5 (HSECNT[7:0]); inverted
the description of option byte 6 (TMU[3:0]); renamed option bytes 8
to 15 ‘TMU_KEY 0-7 [7:0]’, as ‘TMU_KEY 1-8 [7:0]’.
Updated 80-pin package information in line with POA 0062342-revD
in Figure 44 and Table 52.
Table 57.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com