Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF518A Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8AF518A
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF518A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8AF518A Datasheet HTML 43Page - STMicroelectronics STM8AF518A Datasheet HTML 44Page - STMicroelectronics STM8AF518A Datasheet HTML 45Page - STMicroelectronics STM8AF518A Datasheet HTML 46Page - STMicroelectronics STM8AF518A Datasheet HTML 47Page - STMicroelectronics STM8AF518A Datasheet HTML 48Page - STMicroelectronics STM8AF518A Datasheet HTML 49Page - STMicroelectronics STM8AF518A Datasheet HTML 50Page - STMicroelectronics STM8AF518A Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Memory and register map
Doc ID 14395 Rev 9
47/110
0x00 5400
ADC
ADC _CSR
ADC control/status register
0x00
0x00 5401
ADC_CR1
ADC configuration register 1
0x00
0x00 5402
ADC_CR2
ADC configuration register 2
0x00
0x00 5403
ADC_CR3
ADC configuration register 3
0x00
0x00 5404
ADC_DRH
ADC data register high
0xXX
0x00 5405
ADC_DRL
ADC data register low
0xXX
0x00 5406
ADC_TDRH
ADC Schmitt trigger disable register
high
0x00
0x00 5407
ADC_TDRL
ADC Schmitt trigger disable register
low
0x00
0x00 5408 to
0x00 541F
Reserved area (24 bytes)
0x00 5420
beCAN
CAN_MCR
CAN master control register
0x02
0x00 5421
CAN_MSR
CAN master status register
0x02
0x00 5422
CAN_TSR
CAN transmit status register
0x00
0x00 5423
CAN_TPR
CAN transmit priority register
0x0C
0x00 5424
CAN_RFR
CAN receive FIFO register
0x00
0x00 5425
CAN_IER
CAN interrupt enable register
0x00
0x00 5426
CAN_DGR
CAN diagnosis register
0x0C
0x00 5427
CAN_FPSR
CAN page selection register
0x00
0x00 5428
CAN_P0
CAN paged register 0
0xXX(3)
0x00 5429
CAN_P1
CAN paged register 1
0xXX(3)
0x00 542A
CAN_P2
CAN paged register 2
0xXX(3)
0x00 542B
CAN_P3
CAN paged register 3
0xXX(3)
0x00 542C
CAN_P4
CAN paged register 4
0xXX(3)
0x00 542D
CAN_P5
CAN paged register 5
0xXX(3)
0x00 542E
CAN_P6
CAN paged register 6
0xXX(3)
0x00 542F
CAN_P7
CAN paged register 7
0xXX(3)
0x00 5430
CAN_P8
CAN paged register 8
0xXX(3)
0x00 5431
CAN_P9
CAN paged register 9
0xXX(3)
0x00 5432
CAN_PA
CAN paged register A
0xXX(3)
0x00 5433
CAN_PB
CAN paged register B
0xXX(3)
0x00 5434
CAN_PC
CAN paged register C
0xXX(3)
0x00 5435
CAN_PD
CAN paged register D
0xXX(3)
0x00 5436
CAN_PE
CAN paged register E
0xXX(3)
Table 16.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com