Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5188 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM8AF5188
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5188 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM8AF5188 Datasheet HTML 102Page - STMicroelectronics STM8AF5188 Datasheet HTML 103Page - STMicroelectronics STM8AF5188 Datasheet HTML 104Page - STMicroelectronics STM8AF5188 Datasheet HTML 105Page - STMicroelectronics STM8AF5188 Datasheet HTML 106Page - STMicroelectronics STM8AF5188 Datasheet HTML 107Page - STMicroelectronics STM8AF5188 Datasheet HTML 108Page - STMicroelectronics STM8AF5188 Datasheet HTML 109Page - STMicroelectronics STM8AF5188 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Revision history
Doc ID 14395 Rev 9
109/110
18-Jul-2012
Rev 9
(continued)
Table 20: Option bytes: updated factory default setting for NOPT17;
updated footnote 1.
Table 22: Voltage characteristics: updated VDDX - VDD to VDDX - VSS.
Table 26: General operating conditions: updated VCAP.
Table 28: Total current consumption in Run, Wait and Slow mode.
General conditions for VDD apply, TA = -40 °C to 150 °C: updated
conditions for IDD(RUN).
Table 40: I/O static characteristics: added new condition and new
max values for rise and fall time; updated footnote 2.
Section 10.3.7: Reset pin characteristics: updated text below
Figure 37: Typical NRST pull-up current Ipu vs VDD.
Figure 38: Recommended reset pin protection: updated unit of
capacitor.
Table 43: SPI characteristics: updated SCK high and low time
conditions and values.
Figure 41: SPI timing diagram - master mode: replaced ‘SCK input’
signals with ‘SCK output’ signals.
Updated Table 52: LQFP 80-pin low profile quad flat package
mechanical data, Table 53: LQFP 64-pin low profile quad flat
package mechanical data, Table 54: LQFP 48-pin low profile quad
flat package mechanical data, Table 55: LQFP 32-pin low profile
quad flat package mechanical data, and Table 56: VFQFPN 32-lead
very thin fine pitch quad flat no-lead package mechanical data.
Replaced Figure 45: LQFP 64-pin low profile quad flat package (10 x
10), Figure 47: LQFP 48-pin low profile quad flat package (7 x 7),
and Figure 49: LQFP 32-pin low profile quad flat package (7 x 7).
Added Figure 46: LQFP 64-pin recommended footprint, Figure 48:
LQFP 48-pin recommended footprint, and Figure 50: LQFP 32-pin
recommended footprint.
Updated Figure 51: VFQFPN 32-lead very thin fine pitch quad flat
no-lead package (5 x 5).
Updated Figure 52: Ordering information scheme(1).
Section 13.2.2: C and assembly toolchains: added www.iar.com.
Table 57.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com