| Electronic Components Datasheet Search |
|
STM8AF5188 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF5188 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 110 page ![]() Product overview STM8AF52/62xx, STM8AF51/61xx 24/110 Doc ID 14395 Rev 9 Detailed feature list: ● Full duplex, asynchronous communications ● NRZ standard format (mark/space) ● High-precision baud rate generator system – Common programmable transmit and receive baud rates up to fMASTER/16 ● Programmable data word length (8 or 9 bits) ● Configurable stop bits: Support for 1 or 2 stop bits ● LIN master mode: – LIN break and delimiter generation – LIN break and delimiter detection with separate flag and interrupt source for readback checking. ● Transmitter clock output for synchronous communication ● Separate enable bits for transmitter and receiver ● Transfer detection flags: – Receive buffer full – Transmit buffer empty – End of transmission flags ● Parity control: – Transmits parity bit – Checks parity of received data byte ● Four error detection flags: – Overrun error – Noise error –Frame error – Parity error ● Six interrupt sources with flags: – Transmit data register empty – Transmission complete – Receive data register full – Idle line received – Parity error – LIN break and delimiter detection ● Two interrupt vectors: – Transmitter interrupt – Receiver interrupt ● Reduced power consumption mode ● Wakeup from mute mode (by idle line detection or address mark detection) ● Two receiver wakeup modes: – Address bit (MSB) – Idle line |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |