Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5179 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM8AF5179
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5179 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM8AF5179 Datasheet HTML 100Page - STMicroelectronics STM8AF5179 Datasheet HTML 101Page - STMicroelectronics STM8AF5179 Datasheet HTML 102Page - STMicroelectronics STM8AF5179 Datasheet HTML 103Page - STMicroelectronics STM8AF5179 Datasheet HTML 104Page - STMicroelectronics STM8AF5179 Datasheet HTML 105Page - STMicroelectronics STM8AF5179 Datasheet HTML 106Page - STMicroelectronics STM8AF5179 Datasheet HTML 107Page - STMicroelectronics STM8AF5179 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
Revision history
STM8AF52/62xx, STM8AF51/61xx
104/110
Doc ID 14395 Rev 9
01-Jul-2009
Rev 4
Added ‘STM8AH61xx’ and ‘STM8AH51xx to document header.
Updated Features on page 1 (memories, timers, operating
temperature, ADC and I/Os).
Updated Table 1: Device summary.
Updated Kbytes value of program memory in Chapter 1: Introduction
Chapter 2: Description
– Changed the first two lines from the top.
Updated Figure 1: STM8A block diagram
Updated Chapter 5: Product overview
In Figure 5: LQFP 48-pin pinout, added USART function to pins 10,
11, and 12; added CAN Tx and CAN Rx functions to pins 35 and 36
respectively.
Section 6.2: Pin description
– Deleted text below the Table 12: Legend/abbreviation for the pin
description table
Table 13: STM8A microcontroller family pin description
– 68th, 69th pin (LQFP80): replaced X with a dash for PP output
– Added a table footnote
Updated Figure 7: Register and memory map
Table 14: Memory model 128K
– Updated footnote
Deleted the table “Stack and RAM partitioning“
Table 19: STM8A interrupt table.
– Updated priorities 13, 15, 17, 20 and 24
– Changed table footnote
Updated Chapter 7.2: Register map
Updated Table 39: Data memory, Table 40: I/O static characteristics,
and Table 41: NRST pin characteristics.
Section 10.1.1: Minimum and maximum values.
– Added ambient temperature TA = -40 °C
Updated Table 22: Voltage characteristics
Updated Table 23: Current characteristics
Updated Table 24: Thermal characteristics
UpdatedTable 26: General operating conditions
UpdatedTable 27: Operating conditions at power-up/power-down.
Figure 10: fCPUmax versus VDD.
– Updated temperature ranges in functional area
– Added a figure footnote
Removed ‘total current consumption’ and ‘note on the run-current
typical values’.
Replaced Table 28: Total current consumption in Run, Wait and Slow
mode. General conditions for VDD apply, TA = -40 °C to 150 °C
Replaced Table 29: Total current consumption in Halt and Active-halt
modes. General conditions for VDD applied. TA = -40 °C to 55 °C
unless otherwise stated.
Removed Table 21: Total current consumption in run, wait and slow
mode. General conditions for VDD apply. TA = -40 °C to 145 °C
Table 57.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com