Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5179 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8AF5179
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5179 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8AF5179 Datasheet HTML 34Page - STMicroelectronics STM8AF5179 Datasheet HTML 35Page - STMicroelectronics STM8AF5179 Datasheet HTML 36Page - STMicroelectronics STM8AF5179 Datasheet HTML 37Page - STMicroelectronics STM8AF5179 Datasheet HTML 38Page - STMicroelectronics STM8AF5179 Datasheet HTML 39Page - STMicroelectronics STM8AF5179 Datasheet HTML 40Page - STMicroelectronics STM8AF5179 Datasheet HTML 41Page - STMicroelectronics STM8AF5179 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
Memory and register map
STM8AF52/62xx, STM8AF51/61xx
38/110
Doc ID 14395 Rev 9
7
Memory and register map
7.1
Memory map
Figure 7.
Register and memory map
Table 14.
Memory model 128K
Flash program
memory size
Flash program
memory end
address
RAM size
RAM end
address
Stack roll-over
address
128K
0x00 27FFF
6K
0x00 17FF
0x00 1400
96K
0x00 1FFFF
0x00 17FF
0x00 1400
64K
0x00 17FFF
0x00 17FF
0x00 1400
48K
0x00 13FFF
3K
0x00 0BFF
n/a(1)
1.
If the device contains the super set silicon (salestype contains SSS), the roll-over address is the same as
on the 128K device. For more information on stack handling refer to the “Memory and register map” section
in the reference manual RM0016. For more information on salestype composition, refer to section 13 in the
present document.
32K
0x00 0FFFF
6K
0x00 17FF
0x00 1400
Up to 2 Kbytes data EEPROM
Option bytes
HW registers
2 Kbytes boot ROM
CPU/SWIM/Debug/ITC registers
IT vectors
Up to 128 Kbytes
00 0000
RAM end address
00 4000
00 4800
00 5000
00 5800
00 6000
00 6800
00 7F00
00 8000
Memory end address
00 8080
Reserved
Reserved
Stack
Up to 6 Kbytes RAM
00 4900
Reserved
Flash program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com