Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5168 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8AF5168
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5168 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8AF5168 Datasheet HTML 12Page - STMicroelectronics STM8AF5168 Datasheet HTML 13Page - STMicroelectronics STM8AF5168 Datasheet HTML 14Page - STMicroelectronics STM8AF5168 Datasheet HTML 15Page - STMicroelectronics STM8AF5168 Datasheet HTML 16Page - STMicroelectronics STM8AF5168 Datasheet HTML 17Page - STMicroelectronics STM8AF5168 Datasheet HTML 18Page - STMicroelectronics STM8AF5168 Datasheet HTML 19Page - STMicroelectronics STM8AF5168 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
Product overview
STM8AF52/62xx, STM8AF51/61xx
16/110
Doc ID 14395 Rev 9
5.2
Single wire interface module (SWIM) and debug module (DM)
5.2.1
SWIM
The single wire interface module, SWIM, together with an integrated debug module, permits
non-intrusive, real-time in-circuit debugging and fast memory programming. The interface
can be activated in all device operation modes and can be connected to a running device
(hot plugging).The maximum data transmission speed is 145 bytes/ms.
5.2.2
Debug module
The non-intrusive debugging module features a performance close to a full-flavored
emulator. Besides memory and peripheral operation, CPU operation can also be monitored
in real-time by means of shadow registers.
●
R/W of RAM and peripheral registers in real-time
●
R/W for all resources when the application is stopped
●
Breakpoints on all program-memory instructions (software breakpoints), except the
interrupt vector table
●
Two advanced breakpoints and 23 predefined breakpoint configurations
5.3
Interrupt controller
●
Nested interrupts with three software priority levels
●
24 interrupt vectors with hardware priority
●
Five vectors for external interrupts (up to 37 depending on the package)
●
Trap and reset interrupts
5.4
Flash program and data EEPROM
●
32 Kbytes to 128 Kbytes of high density single voltage Flash program memory
●
Up to 2 Kbytes true (not emulated) data EEPROM
●
Read while write: writing in the data memory is possible while executing code in the
Flash program memory.
The whole Flash program memory and data EEPROM are factory programmed with 0x00.
5.4.1
Architecture
●
The memory is organized in blocks of 128 bytes each
●
Read granularity: 1 word = 4 bytes
●
Write/erase granularity: 1 word (4 bytes) or 1 block (128 bytes) in parallel
●
Writing, erasing, word and block management is handled automatically by the memory
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com