Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6-LF Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 36Page - STMicroelectronics L99MC6-LF Datasheet HTML 37Page - STMicroelectronics L99MC6-LF Datasheet HTML 38Page - STMicroelectronics L99MC6-LF Datasheet HTML 39Page - STMicroelectronics L99MC6-LF Datasheet HTML 40Page - STMicroelectronics L99MC6-LF Datasheet HTML 41Page - STMicroelectronics L99MC6-LF Datasheet HTML 42Page - STMicroelectronics L99MC6-LF Datasheet HTML 43Page - STMicroelectronics L99MC6-LF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
SPI control and status register
L99MC6
40/55
Doc ID 16523 Rev 1
9.4.3
Example 3: Open-load detection in off-state in bridge configuration
From Table 40 and Table 41 follow that the value F8h is written at RAM address 01h (control
register 1).
Table 42 describe more in detail the data byte structure.
Hereafter the actions linked to each value of bit or group of bits:
●
ENCP = 1: Charge pump stays activated
●
CH5[2:0] = 111b: Channel 5 is off, open-load detection in off-state enabled
●
BRIDGE_2&5 = 1: Bridge mode for channel 2 and channel 5 activated
●
CH2[2:0] = 000b: Channel 2 is off, open-load detection in off-state disabled
From Table 43 and Table 44 follow that the value 0Ah is written at RAM address 02h (control
register 2).
Table 45 describe more in detail the data byte structure.
Table 40.
Command byte 1 - example 3
MSB
LSB
Operating code
Address
00
0
0
0
0
0
1
Table 41.
Data byte 1 - example 3
MSB
LSB
1
1
111
0
0
0
Table 42.
Data byte description 1 - example 3
ENCP
CH5
[2]
CH5
[1]
CH5
[0]
Bridge
2&5
CH2
[2]
CH2
[1]
CH2
[0]
11
111
00
0
Table 43.
Command byte 2 - example 3
MSB
LSB
Operating code
Address
00
0
0
0
0
1
0
Table 44.
Data byte 2 - example 3
MSB
LSB
0
0
001
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com