Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4995 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4995
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4995 Datasheet HTML 7Page - STMicroelectronics L4995 Datasheet HTML 8Page - STMicroelectronics L4995 Datasheet HTML 9Page - STMicroelectronics L4995 Datasheet HTML 10Page - STMicroelectronics L4995 Datasheet HTML 11Page - STMicroelectronics L4995 Datasheet HTML 12Page - STMicroelectronics L4995 Datasheet HTML 13Page - STMicroelectronics L4995 Datasheet HTML 14Page - STMicroelectronics L4995 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
L4995
Electrical specifications
Doc ID 13103 Rev 13
11/35
Table 7.
Watchdog
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Wi
Vih
Input high voltage
VS = 13.5V
3.5
V
Wi
Vil
Input low voltage
VS = 13.5V
1.5
V
Wi
Vih
Input hysteresis
VS = 13.5V
500
mV
Wi
Iwi
Pull down current
VS = 13.5V
Vwi = 3.5V
610
µA
Vcw
Vwlth
Low threshold
VS = 13.5V
10%
13%
16%
Vo_ref
Vcw
Vwhth
High threshold
VS = 13.5V
44%
47%
50%
Vo_ref
Vcw
Icwc
Charge current
VS = 13.5V,
Vcw = 0.1V
510
20
µA
Vcw
Icwd
Discharge current
VS = 13.5V,
Vcw = 2.5V
1.25
2.5
5
µA
Vcw
Twop
Watchdog period
VS = 13.5V,
Ctw = 47nF
20
40
80
ms
Res
twol
Watchdog output low time
VS = 13.5V,
Ctw = 47nF
48
16
ms
Table 8.
Enable
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
En
VEn_low
En input low voltage
1
V
En
VEn_high
En input high voltage
3
V
En
VEn_hyst
En input hysteresis
830
mV
En
IEn
Pull down current
VS = 13.5V
10
18
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com