Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6561D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6561D
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6561D Datasheet(HTML) 5 Page - STMicroelectronics

  L6561D Datasheet HTML 1Page - STMicroelectronics L6561D Datasheet HTML 2Page - STMicroelectronics L6561D Datasheet HTML 3Page - STMicroelectronics L6561D Datasheet HTML 4Page - STMicroelectronics L6561D Datasheet HTML 5Page - STMicroelectronics L6561D Datasheet HTML 6Page - STMicroelectronics L6561D Datasheet HTML 7Page - STMicroelectronics L6561D Datasheet HTML 8Page - STMicroelectronics L6561D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
the overvoltage value (for instance
∆V = 60V ±
4.2V).
Disable function
The zero current detector (ZCD) pin can be used
for device disabling as well. By grounding the
ZCD voltage the device is disabled reducing the
supply current consumption at 1.4mA typical (@
14.5V supply voltage).
Releasing the ZCD pin the internal start-up timer
will restart the device.
+Vo
D97IN591
-
+
2
R1
R2
Ccomp.
E/A
1
2.5V
∆I
-
+
X
PWM
DRIVER
2.25V
40
µA
∆I
Figure 2. Overvoltage Protection Circuit
VOUT nominal
ISC
40
µA
E/A OUTPUT
2.25V
DYNAMIC OVP
STATIC OVP
D97IN592A
OVER VOLTAGE
10
µA
Figure 1.
L6561
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com