Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6562D
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6562D Datasheet HTML 7Page - STMicroelectronics L6562D Datasheet HTML 8Page - STMicroelectronics L6562D Datasheet HTML 9Page - STMicroelectronics L6562D Datasheet HTML 10Page - STMicroelectronics L6562D Datasheet HTML 11Page - STMicroelectronics L6562D Datasheet HTML 12Page - STMicroelectronics L6562D Datasheet HTML 13Page - STMicroelectronics L6562D Datasheet HTML 14Page - STMicroelectronics L6562D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
L6562
Figure 25. EVAL6562-80W: PCB and component layout (Top view, real size: 57 x 108 mm)
Table 6. EVAL6562N: Evaluation results at full load
Table 7. EVAL6562N: Evaluation results at half load
Vin (VAC)
Pin (W)
Vo (VDC)
∆Vo(Vpk-pk)
Po (W)
η (%)
PF
THD (%)
85
86.4
394.79
12.8
80.16
92.8
0.998
3.6
110
84.6
394.86
12.8
80.20
94.8
0.996
4.2
135
83.8
394.86
12.8
80.20
95.7
0.991
4.9
175
83.2
394.87
15.5
80.20
96.4
0.981
6.5
220
82.9
394.87
15.7
80.20
96.7
0.956
7.8
265
82.7
394.87
15.9
80.20
97.0
0.915
9.2
Note: measurements done with the line filter shown in figure 23
Vin (VAC)
Pin (W)
Vo (VDC)
∆Vo(Vpk-pk)
Po (W)
η (%)
PF
THD (%)
85
42.8
394.86
6.6
40.20
93.9
0.994
5.5
110
42.5
394.90
6.6
40.20
94.6
0.985
6.2
135
42.5
394.91
6.7
40.20
94.6
0.967
7.1
175
42.5
394.93
8.0
40.19
94.6
0.939
8.3
220
42.6
394.94
8.2
40.19
94.3
0.869
9.8
265
42.6
394.94
8.3
40.19
94.3
0.776
11.4
Note: measurements done with the line filter shown in figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com