Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO-20 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SO-20
Description  Combo IC for PFC and ballast control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO-20 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SO-20 Datasheet HTML 17Page - STMicroelectronics SO-20 Datasheet HTML 18Page - STMicroelectronics SO-20 Datasheet HTML 19Page - STMicroelectronics SO-20 Datasheet HTML 20Page - STMicroelectronics SO-20 Datasheet HTML 21Page - STMicroelectronics SO-20 Datasheet HTML 22Page - STMicroelectronics SO-20 Datasheet HTML 23Page - STMicroelectronics SO-20 Datasheet HTML 24Page - STMicroelectronics SO-20 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
L6585DE
Ballast section
21/33
6.3
Startup sequence with old or damaged lamps
When an old lamp is connected to the ballast the strike voltage is higher than the nominal
voltage and may also be higher than the safety threshold. In this case the lamp can ignite in
a time longer than ignition time or may not ignite. In both cases, during ignition time,
because of the frequency decrease, the voltage at the output of the ballast can easily reach
dangerous values.
The same occurs if the lamp tube is broken: the lamp cannot ignite and the lamp voltage
must be limited.
During ignition time, the L6585DE senses the current flowing into the lamp through a sense
resistor connected to the HBCS pin. If the HBCS pin voltage reaches 1.6 V, a small amount
of current is sunk from the EOI pin causing a small frequency increase. This frequency
modification results, macroscopically, in a frequency regulation and therefore a current
regulation and a lamp voltage limiting.
As soon as the HBCS pin voltage reaches 1.6 V, the TCH pin starts to charge Cd: when the
TCH voltage reaches 4.63 V, the TCH pin is no longer left free (as during preheating), but it
sinks 26 uA, causing a faster discharge of Cd. When the TCH voltage reaches 1.5 V, the pin
is pulled down and HBCS voltage is checked. If it is above 1.05 V the IC is stopped.
If the lamp ignites during this reduced TCH cycle, the EOI pin stops sinking current and if it
reaches 1.9 V, the IC enters run mode and TCH pin is immediately pulled down.
Figure 11.
Startup procedures with old or damaged lamps
It can be noted that the reduced TCH cycle time depends only on the value of Cd. It is
suggested to start from the choice of Cd in order to obtain the protection time, and then can
proceed to the choice of Rd to obtain the desired TPRE.
6
d
snk
,
Tch
source
,
Tch
d
reduced
,
Tch
10
26974
.
0
C
I
5
.
1
63
.
4
I
63
.
4
C
T
⋅
⋅
≅
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com