Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2000PUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED2000PUR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000PUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED2000PUR Datasheet HTML 8Page - STMicroelectronics LED2000PUR Datasheet HTML 9Page - STMicroelectronics LED2000PUR Datasheet HTML 10Page - STMicroelectronics LED2000PUR Datasheet HTML 11Page - STMicroelectronics LED2000PUR Datasheet HTML 12Page - STMicroelectronics LED2000PUR Datasheet HTML 13Page - STMicroelectronics LED2000PUR Datasheet HTML 14Page - STMicroelectronics LED2000PUR Datasheet HTML 15Page - STMicroelectronics LED2000PUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Application notes
LED2000
12/40
DocID023432 Rev 4
6
Application notes
6.1
Closing the loop
Figure 5. Block diagram of the loop
6.2
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can
be written as:
Equation 1
where R0 represents the load resistance, Ri the equivalent sensing resistor of the current
sense circuitry,
p the single pole introduced by the LC filter and z the zero given by the
ESR of the output capacitor.
FH(s) accounts for the sampling effect performed by the PWM comparator on the output of
the error amplifier that introduces a double pole at one half of the switching frequency.
VIN
-
+
-
LC filter
VREF
error
amplifier
FB
compensation
network
PWM
comparator
HS
switch
RS
L
COUT
RC
CC
+
PWM control
Current sense
LS
switch
VOUT
VCONTROL
G
CO(s)
A
O(s)
α
LED
GCO s

R0
Ri
-------
1
1
R0 TSW
L
-----------------------
mC 1D
–
 0,5
–

+
----------------------------------------------------------------------------------------
1
s
z
------
+


1
s
p
------
+


---------------------- FH s


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com