Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6644TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6644TR
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6644TR Datasheet HTML 17Page - STMicroelectronics PM6644TR Datasheet HTML 18Page - STMicroelectronics PM6644TR Datasheet HTML 19Page - STMicroelectronics PM6644TR Datasheet HTML 20Page - STMicroelectronics PM6644TR Datasheet HTML 21Page - STMicroelectronics PM6644TR Datasheet HTML 22Page - STMicroelectronics PM6644TR Datasheet HTML 23Page - STMicroelectronics PM6644TR Datasheet HTML 24Page - STMicroelectronics PM6644TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
PM6644
Application information
Doc ID 023203 Rev 1
21/35
3
Application information
3.1
External component selection
3.1.1
Inductor selection
Once the switching frequency is defined, inductor selection depends on the desired inductor
ripple current and load transient performance.
Low inductance means greater ripple current and may generate greater output noise. On
the other hand, low inductor values involve fast load transient response.
A good compromise between the transient response time, the efficiency, the cost and the
size, is to choose the inductor value in order to maintain the inductor current ripple
∆IL
between 20% and 50% of the maximum output current ILOAD(max.). The maximum ∆IL
occurs at the maximum input voltage. With these considerations, the inductor value can be
calculated with the following relationship:
Equation 7
where fSW is the switching frequency, VIN is the input voltage, VOUT is the output voltage and
∆IL is the selected inductor current ripple.
In order to prevent overtemperature working conditions, the inductor must be able to provide
an RMS current greater than the maximum RMS inductor current ILRMS:
Equation 8
where
∆Ι L (max.) is the maximum current ripple:
Equation 9
If hard saturation inductors are used, the inductor saturation current should be much greater
than the maximum inductor peak current Ipeak:
Equation 10
Using soft saturation inductors it is possible to choose inductors with a saturation current
limit at nearly Ipeak. In Table 10 there is a list of some inductor part numbers.
L
V
IN
V
OUT
–
f
sw
I
L
∆
⋅
------------------------------
V
OUT
V
IN
--------------
⋅
=
I
LRMS
I
LOAD max
()
()
2
∆I
L max
()
()
2
12
---------------------------------
+
=
∆I
L max
()
V
INmax
V
OUT
–
f
sw
L
⋅
---------------------------------------
V
OUT
V
INmax
-------------------
⋅
=
Ipeak
I
LOAD max
()
∆I
L max
()
2
-------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com