Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96R1A-R16-A15L Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 96R1A-R16-A15L
Description  Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

96R1A-R16-A15L Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  96R1A-R16-A15L Datasheet HTML 1Page - Bourns Electronic Solutions 96R1A-R16-A15L Datasheet HTML 2Page - Bourns Electronic Solutions 96R1A-R16-A15L Datasheet HTML 3Page - Bourns Electronic Solutions 96R1A-R16-A15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
How to Order Model 96 Panel Controls
REV. 05/13
9 6
A
1
A
-
A
2 8
-
A
1 5
L
ELEMENT TAPER
RESISTANCE CODE
TYPE/TOLERANCE
VALUE IN OHMS
(A)
Linear Cermet ±10 %
(05) - 100
(30) - 15 K
(H)
Linear Cermet ±5 %
(28) - 150
(16) - 20 K
(06) - 200
(17) - 25 K
(07) - 250
(18) - 50 K
(08) - 500
(20) - 100 K
(10) - 1 K
(21) - 200 K
(11) - 2 K
(22) - 250 K
(12) - 2.5 K
(23) - 500 K
(13) - 5 K
(25) - 1 M
(15) - 10 K
(B)
Linear C-P ±20 %
(10) - 1 K
(18) - 50 K
(E)
Linear C-P ±10 %
(12) - 2.5 K
(20) - 100 K
(13) - 5 K
(22) - 250 K
(15) - 10 K
(23) - 500 K
(16) - 20 K
(25) - 1 M
(17) - 25 K
(C)
CW Audio Cermet ±10 %
(10) - 1 K
(18) - 50 K
(D)
CW Audio C-P ±20 %
(12) - 2.5 K
(20) - 100 K
(F)
CCW Audio Cermet ±10 %
(13) - 5 K
(22) - 250 K
(G)
CCW Audio C-P ±20 %
(15) - 10 K
(23) - 500 K
(S)
CW Audio C-P ±10 %
(17) - 25 K
(25) - 1 M
(T)
CCW Audio C-P ± 10 %
AVAILABLE ONLY IN
SHAFT TYPE
LENGTHS
BUSHINGS
(CODE)
(CODE)
B
Plastic Single Slotted 1/4 " (6.35 mm) D
16, 20, 24, 28
A
C
Plastic Single Flatted 1/4" (6.35 mm) D
24, 28
A
D
Plastic Single Plain 1/8" (3.18 mm) D
16, 20, 24
C
R
Plastic Single Slotted 6 mm D
Metric 16,22
R
T
Plastic Single Slotted 4 mm D
Metric 16, 22
U
W
Plastic Single Knurled 1/4" (6.35 mm) D
32
A
A
Metal Single Plain 1/4" (6.35 mm) D
16, 20, 24
A
E
Metal Single Slotted 1/8" (3.18 mm) D
16, 20, 24
C
G
Metal Single Slotted 1/4" (6.35 mm) D
16, 20, 24, 28
A
H
Metal Single Flatted 1/4" (6.35 mm) D
24, 28
A
J
Metal Single Slotted 6 mm D
Metric16, 22
R
S
Metal Single Flatted 6 mm D
Metric 16, 22
R
V
Metal Single Slotted 4 mm D
Metric 16, 22
U
A
Metal Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
C
Metal Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
R
Metal Plain 10 mm D x 9 mm L
U
Metal Plain 7 mm D x 9 mm L
MODEL
96
Single-Turn, In-Line PC Pins, Sealed
# SECTIONS
1
Single
BUSHING
A
Single .305 ” (7.8 mm) R,
90 °CW
D
No Lug
ANTI-ROTATION LUG
RoHS IDENTIFIER
Compliant
L
Boldface features are Bourns standard options.
All others are available with higher minimum order
quantities.
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code
Description
Code
16
1/2 ”L
A, C
20
5/8 ”L
A, C
24
3/4 ”L
A, C
28
7/8 ”L
A
32
1 ”L
A
METRIC
16
16 mmL
R, U
22
22 mmL
R, U



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com