Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750PSTR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN750PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PSTR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN750PSTR-E Datasheet HTML 9Page - STMicroelectronics VN750PSTR-E Datasheet HTML 10Page - STMicroelectronics VN750PSTR-E Datasheet HTML 11Page - STMicroelectronics VN750PSTR-E Datasheet HTML 12Page - STMicroelectronics VN750PSTR-E Datasheet HTML 13Page - STMicroelectronics VN750PSTR-E Datasheet HTML 14Page - STMicroelectronics VN750PSTR-E Datasheet HTML 15Page - STMicroelectronics VN750PSTR-E Datasheet HTML 16Page - STMicroelectronics VN750PSTR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VN750PS-E
Electrical specifications
Doc ID 16782 Rev 2
13/27
2.4
Electrical characteristics curves
Figure 7.
Off-state output current
Figure 8.
High level input current
Figure 9.
Input clamp voltage
Figure 10. Status leakage current
Figure 11. Status low output voltage
Figure 12. Status clamp voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
-1
-0.5
0
0.5
1
1.5
2
2.5
3
IL(off1) (uA)
Off state
Vcc=36V
Vin=Vout=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
1
2
3
4
5
6
7
Iih (uA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vicl (V)
Iin=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.01
0.02
0.03
0.04
0.05
Ilstat (uA)
Vstat=5V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.1
0.2
0.3
0.4
0.5
0.6
Vstat (V)
Istat=1.6mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vscl (V)
Istat=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com