Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY828 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY828
Description  8-bit AVR Microcontroller with 8K Bytes In-System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY828 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY828 Datasheet HTML 1Page - ATMEL Corporation ATTINY828 Datasheet HTML 2Page - ATMEL Corporation ATTINY828 Datasheet HTML 3Page - ATMEL Corporation ATTINY828 Datasheet HTML 4Page - ATMEL Corporation ATTINY828 Datasheet HTML 5Page - ATMEL Corporation ATTINY828 Datasheet HTML 6Page - ATMEL Corporation ATTINY828 Datasheet HTML 7Page - ATMEL Corporation ATTINY828 Datasheet HTML 8Page - ATMEL Corporation ATTINY828 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ATtiny828 [DATASHEET]
8371AS–AVR–08/12
Low Power Consumption
Active Mode: 0.2 mA at 1.8V and 1MHz
Idle Mode: 30 µA at 1.8V and 1MHz
Power-Down Mode (WDT Enabled): 1 µA at 1.8V
Power-Down Mode (WDT Disabled): 100 nA at 1.8V
1.
Pin Configurations
Figure 1.
ATtiny828 Pinout in MLF32.
Figure 2.
ATtiny828 Pinout in TQFP32.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
(PCINT18/ADC18/TOCC2/RXD/INT1) PC2
(PCINT19/ADC19/TOCC3/TXD) PC3
(PCINT20/ADC20/TOCC4) PC4
VCC
GND
(PCINT21/ADC21/TOCC5/ICP1/T0) PC5
(PCINT22/ADC22/CLKI/TOCC6) PC6
(PCINT23/ADC23/TOCC7/T1) PC7
PB5 (PCINT13/ADC13)
PB4 (PCINT12/ADC12)
PB3 (PCINT11/ADC11)
GND
PB2 (PCINT10/ADC10)
PB1 (PCINT9/ADC9)
AVCC
PB0 (PCINT8/ADC8)
NOTE: Bottom pad should be
soldered to ground
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
PB5 (PCINT13/ADC13)
PB4 (PCINT12/ADC12)
PB3 (PCINT11/ADC11)
GND
PB2 (PCINT10/ADC10)
PB1 (PCINT9/ADC9)
AVCC
PB0 (PCINT8/ADC8)
(PCINT18/ADC18/TOCC2/RXD/INT1) PC2
(PCINT19/ADC19/TOCC3/TXD) PC3
(PCINT20/ADC20/TOCC4) PC4
VCC
GND
(PCINT21/ADC21/TOCC5/ICP1/T0) PC5
(PCINT22/ADC22/CLKI/TOCC6) PC6
(PCINT23/ADC23/TOCC7/T1) PC7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com