Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD3841FS Datasheet(PDF) 9 Page - Rohm

Part # BD3841FS
Description  6ch / 9ch Stereo Input Selectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3841FS Datasheet(HTML) 9 Page - Rohm

Back Button BD3841FS Datasheet HTML 2Page - Rohm BD3841FS Datasheet HTML 3Page - Rohm BD3841FS Datasheet HTML 4Page - Rohm BD3841FS Datasheet HTML 5Page - Rohm BD3841FS Datasheet HTML 6Page - Rohm BD3841FS Datasheet HTML 7Page - Rohm BD3841FS Datasheet HTML 8Page - Rohm BD3841FS Datasheet HTML 9Page - Rohm BD3841FS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BD3843FS,BD3841FS
●Ordering part number
B
D
3
8
4
3
F
S
-
E
2
Part No.
Part No.
3843
3841
Package
FS: SSOP-A24
SSOP-A32
Packaging and forming specification
None: Tray
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-A24
24
12
0.8
−4°
+6
°
0.17 −0.05
+0.1
13
4
°
0.38
±0.1
1
10
±0.2
(MAX 10.35 include BURR)
0.1
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-A32
1
17
16
32
0.36
±0.1
0.8
13.6
±0.2
0.15
±0.1
(MAX 13.95 include BURR)
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com