Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2002FSN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002FSN
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2002FSN Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2002FSN Datasheet HTML 3Page - Texas Instruments BQ2002FSN Datasheet HTML 4Page - Texas Instruments BQ2002FSN Datasheet HTML 5Page - Texas Instruments BQ2002FSN Datasheet HTML 6Page - Texas Instruments BQ2002FSN Datasheet HTML 7Page - Texas Instruments BQ2002FSN Datasheet HTML 8Page - Texas Instruments BQ2002FSN Datasheet HTML 9Page - Texas Instruments BQ2002FSN Datasheet HTML 10Page - Texas Instruments BQ2002FSN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
bq2002/F
Recommended DC Operating Conditions (TA = 0 to 70°C)
Symbol
Condition
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.0
5.0
6.0
V
VDET
-
∆V, PVD detect voltage
1
-
2
V
VBAT
Battery input
0
-
VCC
V
VTS
Thermistor input
0.5
-
VCC
VVTS < 0.5V prohibited
VIH
Logic input high
0.5
-
-
V
INH
Logic input high
VCC - 0.5
-
-
V
TM
VIM
Logic input mid
V
CC
2
- 0.5
-
V
CC
2
05
+ .
VTM
VIL
Logic input low
-
-
0.1
V
INH
Logic input low
-
-
0.5
V
TM
VOL
Logic output low
-
-
0.8
V
LED,CC, IOL = 10mA
VPD
Power down
VCC - 1.5
-
VCC - 0.5
V
VBAT
≥ VPD max. powers
down bq2002/F;
VBAT < VPD min. =
normal operation.
ICC
Supply current
-
-
250
µA
Outputs unloaded,
VCC = 5.1V
ISB
Standby current
-
-
1
µAVCC = 5.1V, VBAT = VPD
IOL
LED, CC sink
10
-
-
mA
@VOL = VSS + 0.8V
IL
Input leakage
-
-
±1
µA
INH, CC, V = VSS to VCC
IOZ
Output leakage in
high-Z state
-5
-
-
µA
LED,CC
Note:
All voltages relative to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com