Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP202K Datasheet(PDF) 3 Page - Rohm

Part # DAP202K
Description  Ultra high-speed switching diode arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAP202K Datasheet(HTML) 3 Page - Rohm

  DAP202K Datasheet HTML 1Page - Rohm DAP202K Datasheet HTML 2Page - Rohm DAP202K Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DA114/DA121/DA227/DAN202K/DAN202U
Diodes
DAN212K/DAN222/DAP202K/DAP202U/DAP222
!Electrical characteristic curves (Ta=25
°C unless specified otherwise)
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE :Ta (ºC)
Fig. 1 Derating curve
(mounting on glass epoxy
PCBs)
−30ºC
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
0ºC
Ta=85ºC
25ºC
50ºC
FORWARD VOLTAGE : VF
(V)
1.4
1.6
Fig. 2 Forward current vs.
forward voltage
(P TYPE)
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
0ºC
−30ºC
Ta=85ºC
50ºC
25ºC
1.4
1.6
FORWARD VOLTAGE : VF
(V)
Fig. 4 Forward current vs.
forward voltage
(N TYPE)
25ºC
0
Ta=100ºC
75ºC
50ºC
0ºC
−25ºC
1 000
100
10
0.1
0.01
10
20
30
40
50
REVERSE VOLTAGE : VR
(V)
1
Fig. 5 Reverse current vs.
reverse voltage
(N TYPE)
0
0
4
2
2
4
6
8
10 12 14 16
P TYPE
N TYPE
f=1MHz
REVERSE VOLTAGE : VR
(V)
18 20
Fig. 6 Capacitance between
terminals vs.
reverse voltage
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
P TYPE
N TYPE
VR
=6V
FORWARD CURRENT : IF
(mA)
Fig. 7 Reverse recovery time vs.
forward current
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01µF
100ns
INPUT
D.U.T.
trr
OUTPUT
0
5
Ω
Fig. 8 Reverse recovery time (trr) measurement circuit
Ta=100ºC
0
75ºC
50ºC
25ºC
0ºC
−25ºC
1 000
100
10
0.1
0.01
10
20
30
40
50
REVERSE VOLTAGE : VR
(V)
1
Fig. 3 Reverse current vs.
reverse voltage
(P TYPE)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com