Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC1-R57-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HC1-R57-R
Description  High Current Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC1-R57-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HC1-R57-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC1-R57-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HC1-R57-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
99
98
30
20
97
96
95
94
92
90
80
70
60
50
40
20
0
300
400
500
600
800
1000
100
90
80
70
60
50
40
0
2
0
I
Derating With Core Loss
rms
% of Applied Volt-
µ-Seconds
2.0
1
2
A
A
SECTION A-A
10.3
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
20.0
1.7
11.5
24.0
+/-0.3
User direction of feed
13.4
13.4
Supplied in tape and reel packaging,
250 parts per reel, 13” diameter reel.
Packaging Information - mm
Core Loss
0508
BU-SB08064
Page 2 of 3
Data Sheet 4328



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com