Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC1-1R7-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HC1-1R7-R
Description  High Current Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC1-1R7-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HC1-1R7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC1-1R7-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HC1-1R7-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specifications
P
Paarrtt
R
Raatteedd
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R ((
Ω
Ω))
V
Voolltt--
μμSSeecc ((44))
N
Nuum
mbbeerr
IInndduuccttaannccee
μμHH
±
± 1
15
5%
%
μμHH
A
Am
mppss ((A
Apppprrooxx..))
A
Am
mppss ((A
Apppprrooxx..))
M
Maaxx..@
@ 2
20
0°°C
C
((V
V
μμSS)) ((rreeff..))
HC1-R22-R
0.22
0.218
51.42
40.5
0.00036
1.83
HC1-R30-R
0.30
0.291
51.42
31.8
0.00036
1.83
HC1-R57-R
0.57
0.572
37.83
33.4
0.00068
3.66
HC1-R87-R
0.87
0.866
28.01
31.0
0.00123
5.49
HC1-1R0-R
1.0
1.12
28.01
25.4
0.00123
5.49
HC1-1R7-R
1.7
1.66
22.30
22.2
0.0020
7.33
HC1-2R3-R
2.3
2.29
22.30
16.7
0.0020
7.33
HC1-3R6-R
3.6
3.59
16.76
13.4
0.0035
9.16
HC1-5R1-R
5.1
5.15
12.79
11.2
0.0057
10.99
HC1-7R8-R
7.8
7.85
12.79
6.7
0.0057
10.99
HC1-100-R
10
10.5
12.79
5.3
0.0057
10.99
xxx = Inductance value
wwllyy = Date code R = Revision level
Top View
Side View
Recommended Pad Layout
(Componenet Side)
Front View
Schematic
10.0
Max.
2
1
4.9 Typ.
2.2
Typ.
13.0
Max.
4.5
14.5
10.0
1
2
4.5
13.0
Max.
Description:
• 125°C Maximum total operating temperature
• Designed for high current, low voltage applications
• Low DCR, high efficiency
• Foil construction for higher frequency circuit designs
• Suited for IR and vapor reflow solder
• Frequency range 1kHz to 1MHz
• Ferrite core material
High Current Inductor
Single Winding, HC1
0508
BU-SB08064
Page 1 of 3
Data Sheet 4328
SMD Device
Applications
• Next generation microprocessors
• High current DC-DC converters
• Computers
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C (range is
application specific).
• Solder reflow temperature: +260°C maximum for 10
seconds maximum.
Packaging
• Units supplied in tape and reel packaging, 250 parts on
13” diameter reel.
1) OCL (Open Circuit Inductance) Test parameters: 300kHz, .25Vrms, 0.0Adc & Isat.
2) Irms Amps for approximately ΔT of 40°C. DC current for an approximate ΔT of 40°C without core
loss. Derating is necessary for AC currents. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end application.
3) Isat Amps Peak for approximately 30% rolloff @ 20°C
4) Applied Volt-Time product (V-
μS) across the inductor. This value represents the applied V-μS at
200kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature
rise. See Core Loss Graph.
5) Part number definition - HC1-xxx-R:
• HC1 = Product code and size
• -xxx = Inductance value
• R = Decimal point (if no “R” is present,
third character = number of zeros)
• -R Suffix = RoHS compliant
Dimensions - mm


Similar Part No. - HC1-1R7-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC1-5502B-5 INTERSIL-HC1-5502B-5 Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC1-5502B-9 INTERSIL-HC1-5502B-9 Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC1-5504B-5 INTERSIL-HC1-5504B-5 Datasheet
87Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC1-5504B-9 INTERSIL-HC1-5504B-9 Datasheet
87Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC1-5504DLC-5 INTERSIL-HC1-5504DLC-5 Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
More results

Similar Description - HC1-1R7-R

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL5-2R3M XFMRS-XFHCL5-2R3M Datasheet
64Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6LPA-4R7M XFMRS-XFHCL6LPA-4R7M Datasheet
64Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6MA-2R3M XFMRS-XFHCL6MA-2R3M Datasheet
39Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL5-7R8L XFMRS-XFHCL5-7R8L Datasheet
46Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL5-R87L XFMRS-XFHCL5-R87L Datasheet
46Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6LP-100M XFMRS-XFHCL6LP-100M Datasheet
63Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6MD-R47M XFMRS-XFHCL6MD-R47M Datasheet
44Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6ME-220M XFMRS-XFHCL6ME-220M Datasheet
63Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL2817H-6R8K XFMRS-XFHCL2817H-6R8K Datasheet
70Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL2817H-150K XFMRS-XFHCL2817H-150K Datasheet
37Kb / 1P
HIGH CURRENT INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com