Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNQ-R-25 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FNQ-R-25
Description  CC-TRON Time-Delay Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNQ-R-25 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FNQ-R-25 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNQ-R-25 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11-20-02
SB02450
CC-TRON
®
FNQ-R
Time-Delay Fuses
⁄‹Ω£™∑ ≈ 1⁄Ω™∑, 600 Volt, ⁄Ω¢ to 30 Amps
Form No. FNQ-R
Page 1 of 2
Data Sheet: 1014
Bussmann®
1.5"
(
0.031)
(38.1mm)
.41"
(
0.005)
(10.3mm)
Dimensional Data
General Information:
• The Bussmann CC-TRON® (FNQ-R) was designed to meet
the needs of control circuit transformer protection.
• Current-limitation protects down stream components
against damaging thermal and magnetic effects of short-
circuit currents.
• High inrush time-delay. Control circuit transformers can
experience inrush currents up to 85 times their full-load
current rating. FNQ-R fuses can be sized according to
NEC and UL requirements and still allow the high inrush
currents, with significantly more time-delay than the UL
minimum value of 12 seconds at 200% for Class CC fuses.
• Melamine tube. Nickel-plated brass endcaps.
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
⁄Ω¢-30
10
.200
.091
*Weight per carton
Electrical Ratings (Catalog Symbol and Amperes)
FNQ-R-⁄Ω¢
FNQ-R-1‹Ω¡º
FNQ-R-3¤Ω¡º
FNQ-R-8
FNQ-R-‹Ω¡º
FNQ-R-1›Ω¡º
FNQ-R-3⁄Ω™
FNQ-R-9
FNQ-R-›Ω¡º
FNQ-R-1⁄Ω™
FNQ-R-4
FNQ-R-10
FNQ-R-⁄Ω™
FNQ-R-1flꭧ
FNQ-R-4⁄Ω™
FNQ-R-12
FNQ-R-flꭧ
FNQ-R-1°Ω¡º
FNQ-R-5
FNQ-R-15
FNQ-R-‹Ω¢
FNQ-R-2
FNQ-R-5flꭧ
FNQ-R-17⁄Ω™
FNQ-R-°Ω¡º
FNQ-R-2⁄Ω¢
FNQ-R-6
FNQ-R-20
FNQ-R-1
FNQ-R-2⁄Ω™
FNQ-R-6⁄Ω¢
FNQ-R-25
FNQ-R-1⁄Ω•
FNQ-R-2°Ω¡º
FNQ-R-7
FNQ-R-30
FNQ-R-1⁄Ω¢
FNQ-R-3
FNQ-R-7⁄Ω™
—
Catalog Symbol: FNQ-R
Time-Delay
Application: Circuit Transformer Protection
Ampere Rating: ⁄Ω¢ to 30A
Voltage Rating: 600Vac (or less)†
Interrupting Rating: 200,000A RMS Sym. (UL)
Agency Information:
UL Listed, Std. 248-4, Class CC, Guide JDDZ, File E4273
CSA Certified, Class CC CSA, Class 1422-01,
File 53787–HRC-MISC
†12-30A is 300Vdc and 10k AIR.
Maximum Acceptable Rating of Overcurrent Device*
Maximum Rating of Overcurrent
Rated Primary
Protective Device Expressed As A
Current
Percent of Transformer Primary
(Amperes)
Current Rating
Less than 2A
500**
2A to less than 9A
167
9A or more
125
*UL 508A Table 42.1.
**300% for other than motor control applications.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.


Similar Part No. - FNQ-R-25

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-25 COOPER-FNQ-R-25 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R-25 EATON-FNQ-R-25 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results

Similar Description - FNQ-R-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6125TD ETC1-6125TD Datasheet
97Kb / 2P
Brick Fuses Time Delay
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
Subminiature time-delay fuses
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com