Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772B Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88772B
Description  AX88772B Product Introduction
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772B Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88772B Datasheet HTML 5Page - ASIX Electronics Corporation AX88772B Datasheet HTML 6Page - ASIX Electronics Corporation AX88772B Datasheet HTML 7Page - ASIX Electronics Corporation AX88772B Datasheet HTML 8Page - ASIX Electronics Corporation AX88772B Datasheet HTML 9Page - ASIX Electronics Corporation AX88772B Datasheet HTML 10Page - ASIX Electronics Corporation AX88772B Datasheet HTML 11Page - ASIX Electronics Corporation AX88772B Datasheet HTML 12Page - ASIX Electronics Corporation AX88772B Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Copyright (C) 2010-2012 Reserved by ASIX Electronics Corporation
AX88772B Product Introduction
4. Ordering Information
The following are the ordering information of AX88772B silicon and AX88772B demo
boards. Please contact ASIX's Sales (sales@asix.com.tw) for more details.
Part Number
Description
AX88772BLF
64 PIN, LQFP Package, Commercial grade 0°C to +70 °C
(Green, Lead-Free)
AX88772BLI
64 PIN, LQFP Package, Industrial grade -40°C to +85 °C
(Green, Lead-Free)
AX88772B Demo Boards
Description
AX88772B USB to 100Base-TX
Ethernet Demo Board
This is a USB dongle for AX88772B USB to 100Base-
TX Ethernet application
AX88772B USB to 100Base-TX
Ethernet (with RMII) Demo Board
This is a general-purpose demo board for AX88772B
USB to 100Base-TX Ethernet (with optional RMII/Rev-
RMII interface) application
AX88772B USB to 100Base-FX
1x9 SC Ethernet Demo Board
This is a general-purpose demo board for AX88772B
USB to 100Base-FX 1x9 SC Fiber Ethernet (with
optional RMII/Rev-RMII interface) application
AX88772B USB to 100Base-FX
POF Ethernet Demo Board
This is a general-purpose demo board for AX88772B
USB to 100Base-FX POF (Plastic Optical Fiber) Fiber
Ethernet (with optional RMII/Rev-RMII interface)
application
Figure 7. Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com