Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772C Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88772C
Description  AX88772C Product Introduction
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772C Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88772C Datasheet HTML 5Page - ASIX Electronics Corporation AX88772C Datasheet HTML 6Page - ASIX Electronics Corporation AX88772C Datasheet HTML 7Page - ASIX Electronics Corporation AX88772C Datasheet HTML 8Page - ASIX Electronics Corporation AX88772C Datasheet HTML 9Page - ASIX Electronics Corporation AX88772C Datasheet HTML 10Page - ASIX Electronics Corporation AX88772C Datasheet HTML 11Page - ASIX Electronics Corporation AX88772C Datasheet HTML 12Page - ASIX Electronics Corporation AX88772C Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Copyright (C) 2013 Reserved by ASIX Electronics Corporation
AX88772C Product Introduction
4. Ordering Information
The following are the ordering information of AX88772C silicon and AX88772C demo boards.
Please contact ASIX's Sales (sales@asix.com.tw) for more details.
Part Number
Description
AX88772CLF
64 PIN, LQFP Package, Commercial grade 0°C to +70 °C
(Green, Lead-Free)
AX88772C Demo Boards
Description
AX88772C USB to 100Base-TX
Ethernet Demo Board
This is a USB dongle for AX88772C USB to 100Base-
TX Ethernet application
AX88772C USB to 100Base-TX
Ethernet (with RMII) Demo Board
This is a general-purpose demo board for AX88772C
USB to 100Base-TX Ethernet (with optional RMII/Rev-
RMII interface) application
AX88772C USB to 100Base-FX
1x9 SC Ethernet Demo Board
This is a general-purpose demo board for AX88772C
USB to 100Base-FX 1x9 SC Fiber Ethernet (with
optional RMII/Rev-RMII interface) application
AX88772C USB to 100Base-FX
POF Ethernet Demo Board
This is a general-purpose demo board for AX88772C
USB to 100Base-FX POF (Plastic Optical Fiber) Fiber
Ethernet (with optional RMII/Rev-RMII interface)
application
Figure 3. Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com