Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88783 Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88783
Description  ASIX Multi-Port Ethernet Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88783 Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88783 Datasheet HTML 9Page - ASIX Electronics Corporation AX88783 Datasheet HTML 10Page - ASIX Electronics Corporation AX88783 Datasheet HTML 11Page - ASIX Electronics Corporation AX88783 Datasheet HTML 12Page - ASIX Electronics Corporation AX88783 Datasheet HTML 13Page - ASIX Electronics Corporation AX88783 Datasheet HTML 14Page - ASIX Electronics Corporation AX88783 Datasheet HTML 15Page - ASIX Electronics Corporation AX88783 Datasheet HTML 16Page - ASIX Electronics Corporation AX88783 Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
ASIX Multi-Port Ethernet Controller
Product Introduction
6-3. AX88782 SMDK2440 Demo Board
The following is the picture of AX88782 SMDK2440 demo board for your reference.
Figure 12. AX88782 SMDK2440 Demo Board
The following are the jumper configuration table of the AX88782 SMDK2440 demo board.
Jumper
Setting
Description
(Default)
Set to 16-bit CPU interface mode.
J4(MODE0)
Set to 8-bit CPU interface mode.
(Default)
Pull high the PME signal. The PME signal should be
pulled high when the PME pin is set to active low.
J5 *Note1
Pull down the PME signal. The PME signal should be
pulled down when the PME pin is set to active high.
(Default)
Pull high the INT signal. The INT signal should be
pulled high when the INT pin is set to active low.
J6 *Note2
Pull down the INT signal. The INT signal should be
pulled down when the INT pin is set to active high.
Figure 13. AX88782 SMDK2440 Demo Board Jumper Setting Table
Note:
1. The J5 header is not set on AX88782 SMDK2440 demo board since the PME signal is not
supported on the SMDK2440 interface.
2. The J6 header is not set on AX88782 SMDK2440 demo board since the INT signal has been
pulled high on the SMDK2440 platform.
Copyright (C) 2008-2009 Reserved by ASIX Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com