Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX150-5-52LP-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CTX150-5-52LP-R
Description  LOWCOST POWER INDUCTORS Toroidal Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX150-5-52LP-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CTX150-5-52LP-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX150-5-52LP-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX150-5-52LP-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX150-5-52LP-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
• Low loss, powdered iron cores with stable
electrical operating characteristics maximize
inductor efficiency by minimizing copper losses
• Available in vertical and horizontal self leaded and
header mounted configurations
• Inductance values range from 10uH to 1000uH
• Current values range from 1.5 to 29.5 Amps
• Meets UL 94V-0 flammability standard
• Powder Iron core material
Applications
• Filters
• Buck and boost switches
• Chokes
Environmental Data
• Storage temperature range: -40°C to +105°C
• Operating ambient temperature range: -40°C to +75°C
(range is application specific)
Packaging
• Supplied in bulk packaging
LOW COST POWER INDUCTORS
Toroidal Inductors
V
Ve
errttiic
ca
all
H
Ho
orriizzo
on
ntta
all
H
He
ea
ad
de
err M
Mo
ou
un
ntte
ed
d
IIn
nd
du
uc
ctta
an
nc
ce
e
O
OC
CL
L((11))
II D
DC
C
((2
2))
II SSAATT((33))
V
Vo
olltt--µ
µS
Se
ec
c((44))
E
En
ne
errg
gy
y((55))
D
DC
CR
R ((
Ω
Ω))((66))
P
Pa
arrtt N
Nu
um
mb
be
err
P
Pa
arrtt N
Nu
um
mb
be
err
P
Pa
arrtt N
Nu
um
mb
be
err
µ
µH
H ((rra
atte
ed
d))
µ
µH
H +
+//-- 2
20
0%
%
A
Am
mp
pe
erre
es
s
A
Am
mp
pe
erre
es
s
V
Vµ
µS
S
µ
µJ
J
m
ma
ax
x
CTX10-1-52-R
CTX10-1-52LP-R
CTX10-1-52M-R
10
10.14
2.4
2.1
5.4
15
0.0481
CTX20-1-52-R
CTX20-1-52LP-R
CTX20-1-52M-R
20
20.22
1.8
2.2
7.8
36
0.0829
CTX50-1-52-R
CTX50-1-52LP-R
CTX50-1-52M-R
50
50.29
2.6
2.7
16.3
130
0.0715
CTX100-1-52-R
CTX100-1-52LP-R
CTX100-1-52M-R
100
100.40
2.5
2.4
27.5
197
0.1060
CTX150-1-52-R
CTX150-1-52LP-R
CTX150-1-52M-R
150
151.70
2.1
2.3
35.7
283
0.1620
CTX250-1-52-R
CTX250-1-52LP-R
CTX250-1-52M-R
250
250.90
1.9
2.2
47.8
421
0.2210
CTX500-1-52-R
CTX500-1-52LP-R
CTX500-1-52M-R
500
505.00
1.7
1.9
77.9
645
0.3610
CTX750-1-52-R
CTX750-1-52LP-R
CTX750-1-52M-R
750
754.40
1.8
2.4
114.3
1530
0.4340
CTX1000-1-52-R
CTX1000-1-52LPR
CTX1000-1-52M-R
1000
1004.00
1.5
2.1
131.9
1530
0.6380
CTX10-2-52-R
CTX10-2-52LP-R
CTX10-2-52M-R
10
9.60
4.7
4.5
6.6
68
0.0183
CTX20-2-52-R
CTX20-2-52LP-R
CTX20-2-52M-R
20
19.60
3.2
3.2
9.4
69
0.0392
CTX50-2-52-R
CTX50-2-52LP-R
CTX50-2-52M-R
50
50.00
4.9
4.9
21.3
420
0.0326
CTX100-2-52-R
CTX100-2-52LP-R
CTX100-2-52M-R
100
101.70
4.4
4.3
35.0
643
0.0534
CTX150-2-52-R
CTX150-2-52LP-R
CTX150-2-52M-R
150
148.00
4.3
4.0
47.6
829
0.0719
CTX250-2-52-R
CTX250-2-52LP-R
CTX250-2-52M-R
250
251.10
4.2
4.2
66.0
1540
0.0833
CTX500-2-52-R
CTX500-2-52LP-R
CTX500-2-52M-R
500
499.40
3.1
3.3
104.0
1890
0.1830
CTX750-2-52-R
CTX750-2-52LP-R
CTX750-2-52M-R
750
749.30
3.4
3.4
147.3
2960
0.2080
CTX10-5-52-R
CTX10-5-52LP-R
CTX10-5-52M-R
10
9.68
8.7
11.1
9.4
417
0.0104
CTX20-5-52-R
CTX20-5-52LP-R
CTX20-5-52M-R
20
21.25
7.8
9.3
16.0
643
0.0260
CTX50-5-52-R
CTX50-5-52LP-R
CTX50-5-52M-R
50
49.60
7.6
9.4
29.3
1530
0.0248
CTX100-5-52-R
CTX100-5-52LP-R
CTX100-5-52M-R
100
97.20
8.2
7.5
45.7
1890
0.0267
CTX150-5-52-R
CTX150-5-52LP-R
CTX150-5-52M-R
150
150.60
7.7
7.5
66.0
2960
0.0401
CTX250-5-52-R
CTX250-5-52LP-R
250
254.40
9.2
8.1
102.4
5860
0.0400
CTX10-7-52-R
CTX10-7-52LP-R
CTX10-7-52M-R
10
10.04
11.4
13.5
11.0
640
0.0080
CTX20-7-52-R
CTX20-7-52LP-R
CTX20-7-52M-R
20
20.96
11.4
14.5
19.1
1540
0.0110
CTX50-7-52-R
CTX50-7-52LP-R
CTX50-7-52M-R
50
52.27
10.5
10.2
33.5
1900
0.0163
CTX100-7-52-R
CTX100-7-52LP-R
100
101.40
12.0
9.1
54.2
2960
0.0167
CTX150-7-52-R
CTX150-7-52LP-R
150
152.80
12.8
10.5
79.3
5900
0.0204
CTX10-10-52-R
CTX10-10-52LP-R
10
10.04
16.9
20.9
13.2
1530
0.0051
CTX20-10-52-R
CTX20-10-52LP-R
20
21.17
16.0
16.0
21.3
1900
0.0070
CTX50-10-52-R
CTX50-10-52LP-R
50
52.37
13.9
12.7
38.9
2960
0.0124
CTX100-10-52-R
CTX100-10-52LPR
100
99.38
17.6
13.0
64.0
5880
0.0109
CTX10-16-52-R
CTX10-16-52LP-R
10
9.90
27.3
29.3
16.9
2970
0.0032
CTX20-16-52-R
CTX20-16-52LP-R
20
19.24
31.5
29.5
28.1
5860
0.0034
Notes:
(1) Open circuit inductance test parameters: 100kHz, 0.250Vrms, 0 Adc.
(2) DC current for an approximate
∆T of 30°C at 75°C Ambient with no core loss. See Chart 2 for derating of IDC with core loss.
(3) Peak current for an approximate 30% roll-off in OCL. For other current levels see Chart 1.
(4) Applied Volt-Time product (VµS) across the inductor. This value represents the VµS at 100kHz necessary to generate a core loss equal to 10% of the total
losses for 30°C rise. For other frequencies and operating levels see Chart 2. (Note: skin effect losses not included.)
(5) Energy storage (µJ) at ISAT. For other current levels see Chart 1.
(6) Maximum D.C. resistance at 20°C.
Family Table
RoHS
2002/95/EC


Similar Part No. - CTX150-5-52LP-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CTX150-5-52LP-R EATON-CTX150-5-52LP-R Datasheet
423Kb / 6P
Toroid power inductors
More results

Similar Description - CTX150-5-52LP-R

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
VTK-01001 PMI-VTK-01001 Datasheet
169Kb / 4P
SENDUST TOROIDAL POWER INDUCTORS
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
TC19 Power Gap Toroidal Inductors
TPUTX-2P TOKEN-TPUTX-2P Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com