Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6LS102KAFCA Datasheet(PDF) 2 Page - AVX Corporation

Part # 6LS102KAFCA
Description  Disc Ceramic Capacitors AC and Switch Mode Epoxy Coated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

6LS102KAFCA Datasheet(HTML) 2 Page - AVX Corporation

  6LS102KAFCA Datasheet HTML 1Page - AVX Corporation 6LS102KAFCA Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
Disc Ceramic Capacitors
AC Switch Mode Epoxy Coated
CAPACITANCE VS. DISC DIAMETER
millimeters (inches)
Temp.
Coefficient
Y5P
Y5U
Y5V
Digits 1, 2, 3
of P.N.
6LR
6LS
6LT
67S
68S
Rated
1000 VDC
2000 VDC
3000 VDC
2000 VDC
2000 VDC
Voltage
(VR)
130 VAC
250 VAC
380 VAC
250 VAC
250 VAC
CR (pF)
100
120
150
6.0 (0.236)
180
6.0 (0.236)
220
6.0 (0.236)
270
330
8.0 (0.315)
390
470
7.0 (0.276)
8.0 (0.315)
560
9.0 (0.354)
680
9.0 (0.354)
820
10.0 (0.394)
1000
8.0 (0.315)
10.0 (0.394)
8.0 (0.315)
1200
12.0 (0.472)
1500
12.0 (0.472)
1800
11.0 (0.394)
14.0 (0.551)
2200
14.0 (0.551)
9.0 (0.354)
2700
14.0 (0.551)
16.0 (0.630)
3300
16.0 (0.630)
10.0 (0.394)
3900
16.0 (0.630)
19.0 (0.748)
19.0 (0.748)
4700
12.0 (0.472)
8.0 (0.315)
10000
14.0 (0.551)
11.0 (0.433)
6LR
6LS
67S
Standard
Certificate
Rated
Certificate
Rated
Certificate
Rated
Number
Voltage
Number
Voltage
Number
Voltage
UL
UL 1414
E 147842
250 VAC
E 147842
250 VAC
E 147842
250 VAC
TEMPERATURE COEFFICIENT – TYPICAL CURVES
CERTIFICATION BODY APPROVALS
APPROVED LOGOS
UL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com