Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5ASH-06 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FS5ASH-06
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS5ASH-06 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FS5ASH-06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS5ASH-06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS5ASH-06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS5ASH-06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
FS5ASH-06
OUTLINE DRAWING
Dimensions in mm
MP-3
MITSUBISHI Nch POWER MOSFET
FS5ASH-06
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
60
±10
5
20
5
5
20
20
–55 ~ +150
–55 ~ +150
0.26
VGS = 0V
VDS = 0V
L = 100
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
V
V
A
A
A
A
A
W
°C
°C
g
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
—
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
6.5
2.3
0.9MAX.
2.3
1.0
0.5
± 0.1
0.5
± 0.2
0.8
5.0
± 0.2
A
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
qwe
r
e
¡2.5V DRIVE
¡VDSS .................................................................................. 60V
¡rDS (ON) (MAX) .............................................................. 0.15
Ω
¡ID ............................................................................................5A
¡Integrated Fast Recovery Diode (TYP.) ............. 45ns


Similar Part No. - FS5ASH-06

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS5ASH-06 POWEREX-FS5ASH-06 Datasheet
43Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS5ASH-06 RENESAS-FS5ASH-06 Datasheet
78Kb / 5P
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS5ASH-06 ISC-FS5ASH-06 Datasheet
378Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS5ASH-06 RENESAS-FS5ASH-06_15 Datasheet
98Kb / 7P
HIGH-SPEED SWITCHING USE
More results

Similar Description - FS5ASH-06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS14SM-12 RENESAS-FS14SM-12_15 Datasheet
104Kb / 7P
HIGH-SPEED SWITCHING USE
FS16SM-10 RENESAS-FS16SM-10_15 Datasheet
104Kb / 7P
HIGH-SPEED SWITCHING USE
FS16VS-10 RENESAS-FS16VS-10_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS18SM-10 RENESAS-FS18SM-10_15 Datasheet
105Kb / 7P
HIGH-SPEED SWITCHING USE
FS20VS-6 RENESAS-FS20VS-6_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KM-2 RENESAS-FS30KM-2_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KMH-2 RENESAS-FS30KMH-2_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KMJ-03 RENESAS-FS30KMJ-03_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30VS-06 RENESAS-FS30VS-06_15 Datasheet
98Kb / 7P
HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com