Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL103ABC-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MCL103ABC-TP
Description  350 mA Schottky Barrier Rectifier 20 to 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCL103ABC-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  MCL103ABC-TP Datasheet HTML 1Page - Micro Commercial Components MCL103ABC-TP Datasheet HTML 2Page - Micro Commercial Components MCL103ABC-TP Datasheet HTML 3Page - Micro Commercial Components MCL103ABC-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCL103A/B/C
MICROMELF
Features
•
Saving space
•
High Reliability
•
Low reverse current and low forward voltage
•
Micro Melf package,fits onto SOD 323/SOT 23 Footprints
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.079
1.8
2.0
B
.004
.008
.10
.20
C
.047
.051
1.20
1.30
∅
Maximum Ratings
A
B
C
Cathode Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
0.030”
0.039
0.055”
SUGGESTED SOLDER
PAD LAYOUT
TM
Micro Commercial Components
Repetitive peak reverse
voltage
MCL103A
VRRM
40
V
MCL103B
MCL103C
30
V
20
V
Repetitive peak forward
current
IFRM
1A
Forward current
Power dissipation
Storage temperature range
Junction to ambient
IFM
350 mA
PD
400mW
Tstg
-65~+175
R thJA
250K/W
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Parameter
Symbol
Value
Test Conditions
Parameter
Symbol
Value
Test Conditions
VF
=20mA
0.37 V
Forward voltage
=200mA
0.6 V
IF
IF
Reverse current
VR=30V
VR=20V
VR=10V
MCL103A
MCL103B
MCL103C
IR
5
A
Diode capacitance
Reverse recovery time
CD
50pF
VR=VF=0, f=1MHz
IF=IR=200mA to
0.1mA
trr
10ns
350 mA Schottky
Barrier Rectifier
20 to 40 Volts
Revision:
A
20
11/01/01
1 of 4
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - MCL103ABC-TP

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL103A DIOTEC-MCL103A Datasheet
55Kb / 2P
Surface mount Schottky-Barrier Diodes
logo
Vishay Siliconix
MCL103A VISHAY-MCL103A Datasheet
122Kb / 5P
Small Signal Schottky Diodes
07-Mar-06
logo
SEMTECH ELECTRONICS LTD...
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL103A VISHAY-MCL103A Datasheet
164Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
More results

Similar Description - MCL103ABC-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5817 MCC-1N5817 Datasheet
81Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Chenmko Enterprise Co. ...
CH035H-20PT CHENMKO-CH035H-20PT Datasheet
219Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 350 mAmperes
CH320BPT CHENMKO-CH320BPT Datasheet
389Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 350 mAmperes
CH340RDWPT CHENMKO-CH340RDWPT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 350 mAmpere
CH340SDWPT CHENMKO-CH340SDWPT Datasheet
428Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 350 mAmpere
logo
Micro Commercial Compon...
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817_11 Datasheet
409Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
SR102 MCC-SR102 Datasheet
311Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com