Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0393DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0393DPA
Description  N Channel Power MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0393DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0393DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0393DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0393DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0393DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0393DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0393DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0393DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0393DPA
Preliminary
R07DS0925EJ0400 Rev.4.00
Page 3 of 6
Mar 22, 2013
Main Characteristics
Case Temperature Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Gate to Source Voltage VGS (V)
Maximum Safe Operation Area
80
60
40
20
0
50
100
150
200
100
10
1
0.1
0.1
0.3
1
3
10
30
100
1000
Tc = 25 °C
1 shot Pulse
Operation in
this area is
limited by RDS(on)
10ms
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
200
160
120
80
40
0
4
8
12
16
20
20
10
2
5
1
30
300
Pulse Test
ID = 20 A
5 A
10 A
1
10
100
1000
3
100
50
VGS = 4.5 V
10 V
Pulse Test
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Typical Transfer Characteristics
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
12
3
4
5
Tc = 75°C
25°C
–25°C
VDS = 10 V
Pulse Test
VGS = 2.4 V
10 V
4.5 V
2.5 V
Pulse Test
2.7 V
2.9 V
10
μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com