Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5573IPW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5573IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5573IPW Datasheet HTML 17Page - Texas Instruments DAC5573IPW Datasheet HTML 18Page - Texas Instruments DAC5573IPW Datasheet HTML 19Page - Texas Instruments DAC5573IPW Datasheet HTML 20Page - Texas Instruments DAC5573IPW Datasheet HTML 21Page - Texas Instruments DAC5573IPW Datasheet HTML 22Page - Texas Instruments DAC5573IPW Datasheet HTML 23Page - Texas Instruments DAC5573IPW Datasheet HTML 24Page - Texas Instruments DAC5573IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
EVM Stacking
3-3
EVM Operation
3.3
EVM Stacking
EVM stacking enables the designer to evaluate two DACx573s in tandem to
yield an eight-channel output. A maximum of two DACx573 EVMs are allowed
because the output terminal, J4, dictates the number of DAC channels that can
be connected without colliding. Table 3 - 2 shows how the DAC output
channels are mapped to the output terminal, J4, with respect to the jumper
positions of W2, W11, W12, and W13.
Table 3 - 2. DACx573 Output Channel Mapping
Reference
Jumper
Position
Function
W2
1-2
DAC output A (VOUTA) is routed to J4-2.
2-3
DAC output A (VOUTA) is routed to J4-10.
W11
1-2
DAC output B (VOUTB) is routed to J4-4.
2-3
DAC output B (VOUTB) is routed to J4-12.
W12
1-2
DAC output C (VOUTC) is routed to J4-6.
2-3
DAC output C (VOUTC) is routed to J4-14.
W13
1-2
DAC output D (VOUTD) is routed to J4-8.
2-3
DAC output D (VOUTD) is routed to J4-16.
Each DAC EVM in a stacked configuration must have a unique I2C address.
This is accomplished by configuring address jumpers W7 and W8 (refer to the
data sheet for I2C addressing).
The LDAC signal can be shared to have a synchronous DAC-output update
and can be hardware-driven by GPIO0. If software control of the LDAC is
desired, the GPIO0 signal must be set low through software or J2-pin 2 can
be strapped to DGND.
3.4
Output Op Amp
The EVM includes an optional signal conditioning circuit for the DAC output
through an external operational amplifier, U2. Only one DAC output channel
can be monitored at any given time because the odd numbered pins (J4 - 1 to
J4 - 7) are tied together. The output op amp gain is configured at two by default.
The unbuffered outputs of the DAC can be probed through the even pins of J4,
the output terminal, which also provides mechanical stability when stacking or
plugging into an interface board. J4 also provides easy access for monitoring
up to eight DAC channels when stacking two EVMs together, as described in
section 3.3.
The following sections describe various configurations of the output amplifier,
U2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com