Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3448 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3448
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3448 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3448 Datasheet HTML 17Page - International Rectifier IR3448 Datasheet HTML 18Page - International Rectifier IR3448 Datasheet HTML 19Page - International Rectifier IR3448 Datasheet HTML 20Page - International Rectifier IR3448 Datasheet HTML 21Page - International Rectifier IR3448 Datasheet HTML 22Page - International Rectifier IR3448 Datasheet HTML 23Page - International Rectifier IR3448 Datasheet HTML 24Page - International Rectifier IR3448 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
IR3448
21
www.irf.com
© 2013 International Rectifier
August 01, 2013
Users can configure the IR3448 to use a single supply
or dual supplies. Depending on the configuration used
the PVin, Vin and VCC pins are connected differently.
Below several configurations are shown.
In an
internally biased configuration, the LDO draws from
the Vin pin and provides a gate drive voltage, as
shown in Figure 15. By connecting Vin and PVin
together as shown in the Figure 16, IR3448 is an
internally biased single supply configuration that runs
off a single supply.
IR3448 can also use an external supply to provide
gate drive voltage for the drivers instead of the
internal LDO. To use an external bias, connected Vin
and VCC to the external bias. PVin can use a
separate rail as shown in Figure 17 or run off the
same rail as Vin and VCC.
Figure 15: Internally Biased Configuration
Figure 16: Internally Biased Single Supply
Configuration
Figure 17: Externally Biased Configuration
When the Vin voltage is below 6.8V, the internal LDO
enters the dropout mode at medium and heavy load.
The dropout voltage increases with the switching
frequency. Figure 18 shows the LDO voltage for
600kHz and 1000kHz switching frequency.
Figure 18: LDO_Out Voltage in dropout mode
CBYP
This pin reflects the internal reference voltage which is
used by the error amplifier to set the output voltage. In
most operating conditions this pin is only connected to
an external bypass capacitor and it is left floating. A
minimum 100pF ceramic capacitor is required from
stability point of view
POWER GOOD OUTPUT
IR3448 continually monitors the output voltage via the
sense pin (Vsns) voltage. The Vsns voltage is an input
to the window comparator with upper and lower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com