Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3475 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3475
Description  10A Highly Integrated SupIRBuck Constant On.Time Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3475 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3475 Datasheet HTML 14Page - International Rectifier IR3475 Datasheet HTML 15Page - International Rectifier IR3475 Datasheet HTML 16Page - International Rectifier IR3475 Datasheet HTML 17Page - International Rectifier IR3475 Datasheet HTML 18Page - International Rectifier IR3475 Datasheet HTML 19Page - International Rectifier IR3475 Datasheet HTML 20Page - International Rectifier IR3475 Datasheet HTML 21Page - International Rectifier IR3475 Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
21
IR3475 
10A Highly Integrated SupIRBuck
TM 
STENCIL DESIGN 
• The Stencil apertures for the lead lands should be 
approximately 80% of the area of the lead lads. 
Reducing the amount of solder deposited will 
minimize the occurrences of lead shorts. If too 
much solder is deposited on the center pad the 
part will float and the lead lands will open. 
• The maximum length and width of the land pad 
stencil aperture should be equal to the solder 
resist opening minus an annular 0.2mm pull back 
in order to decrease the risk of shorting the 
center land to the lead lands when the part is 
pushed into the solder paste. 
Figure 33: Stencil Design 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com