Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC233620105 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC233620105
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233620105 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC233620105 Datasheet HTML 1Page - Vishay Siliconix BFC233620105 Datasheet HTML 2Page - Vishay Siliconix BFC233620105 Datasheet HTML 3Page - Vishay Siliconix BFC233620105 Datasheet HTML 4Page - Vishay Siliconix BFC233620105 Datasheet HTML 5Page - Vishay Siliconix BFC233620105 Datasheet HTML 6Page - Vishay Siliconix BFC233620105 Datasheet HTML 7Page - Vishay Siliconix BFC233620105 Datasheet HTML 8Page - Vishay Siliconix BFC233620105 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MKP336 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 18-Dec-12
2
Document Number: 28120
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Notes
(1) For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139
(2) Taped on reel pitch = 27.5 mm is not available
BFC2
336
2X
XX X
2222(*) 336
2X
XX X
(*) old ordering code
R
E
B
M
U
N
E
D
O
C
.
L
O
T
-
C
S
N
O
I
S
N
E
M
I
D
D
R
A
D
N
A
T
S
G
N
I
G
A
K
C
A
P
E
P
Y
T
336 2
X2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
BFC2 336 20…
Lead length 5.0 mm ± 1.0 mm
See tables
Lead length 25.0 mm ± 2.0 mm
BFC2 336 26…
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
BFC2 336 23…
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
BFC2 336 21…
s
e
l
b
a
t
e
e
S
m
m
0
.
1
±
m
m
0
.
5
h
t
g
n
e
l
d
a
e
L
…
7
2
6
3
3
2
C
F
B
m
m
0
.
2
±
m
m
0
.
5
2
h
t
g
n
e
l
d
a
e
L
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
BFC2 336 24…
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 5 %
BFC2 336 22…
s
e
l
b
a
t
e
e
S
m
m
0
.
1
±
m
m
0
.
5
h
t
g
n
e
l
d
a
e
L
…
8
2
6
3
3
2
C
F
B
m
m
0
.
2
±
m
m
0
.
5
2
h
t
g
n
e
l
d
a
e
L
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
BFC2 336 25…
PACKAGING
ALTERNATIVE LARGER PITCH SIZES
C-TOL.
CODE NUMBER
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
See tables for details
Lead length 5.0 mm ± 1.0 mm
Lead length 25.0 mm ± 2.0 mm
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
Lead length 5.0 mm ± 1.0 mm
Lead length 25.0 mm ± 2.0 mm
Taped on reel (1)(2)
H = 18.5 mm P0 = 12.7 mm
TYPE AND PITCHES
336 2
X2
10.0 mm
15.0 mm
22.5 mm
27.5 mm
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com