Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH36N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH36N50P
Description  PolarHV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH36N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH36N50P Datasheet HTML 1Page - IXYS Corporation IXTH36N50P Datasheet HTML 2Page - IXYS Corporation IXTH36N50P Datasheet HTML 3Page - IXYS Corporation IXTH36N50P Datasheet HTML 4Page - IXYS Corporation IXTH36N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 36N50P IXTQ 36N50P IXTT 36N50P
IXTV36N50P IXTV 36N50PS
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 20 V; ID = 0.5 ID25, pulse test
23
36
S
C
iss
5500
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
510
pF
C
rss
40
pF
t
d(on)
25
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = ID25
27
ns
t
d(off)
R
G = 3 Ω (External)
75
ns
t
f
21
ns
Q
g(on)
85
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
30
nC
Q
gd
31
nC
R
thJC
0.23
° C/W
R
thCS
(TO-247 and TO-3P)
0.21
° C/W
(PLUS220)
0.21
° C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
36
A
I
SM
Repetitive
108
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 25 A, -di/dt = 100 A/µs
400
ns
V
R = 100 V, VGS = 0 V
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12141618
202224
V D S - Volts
VGS = 10V
8V
5.5V
5V
6V
6.5V
7V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
4
8
12
16
20
24
28
32
36
0
123
456
7
V D S - Volts
VGS = 10V
8V
7V
5V
6V
5.5V
Characteristic Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com