Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-3P Datasheet(PDF) 3 Page - IXYS Corporation

Part # TO-3P
Description  PolarHV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TO-3P Datasheet(HTML) 3 Page - IXYS Corporation

  TO-3P Datasheet HTML 1Page - IXYS Corporation TO-3P Datasheet HTML 2Page - IXYS Corporation TO-3P Datasheet HTML 3Page - IXYS Corporation TO-3P Datasheet HTML 4Page - IXYS Corporation TO-3P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXTH 36N50P IXTQ 36N50P IXTT 36N50P
IXT V36N50P IXTV 36N50PS
Fig. 3. Output Characte ris tics
@ 125
ºC
0
4
8
12
16
20
24
28
32
36
02
46
8
10
12
14
16
V D S - Volts
VGS = 10V
7V
6V
4.5V
5V
5.5V
Fig. 4. RDS(on) Norm alize d to ID = 18A
V alue vs . Junction Te m pe rature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 36A
ID = 18A
VGS = 10V
Fig. 6. Drain Curre nt vs . Cas e
Te m pe rature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Norm alize d to
ID = 18A Value vs . Drain Curre nt
0.6
1
1.4
1.8
2.2
2.6
3
3.4
0
1020304050
60
70
80
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V
Fig. 7. Input Adm ittance
0
5
10
15
20
25
30
35
40
45
50
55
44.5
55.5
66.5
7
V G S - Volts
TJ = 125ºC
25ºC
-40ºC
Fig. 8. Trans conductance
0
10
20
30
40
50
60
70
0
102030
40
50
607080
90
I D - Amperes
TJ = -40ºC
25ºC
125ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com