Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX84
Description  Small Signal Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX84 Datasheet HTML 1Page - Vishay Siliconix BZX84 Datasheet HTML 2Page - Vishay Siliconix BZX84 Datasheet HTML 3Page - Vishay Siliconix BZX84 Datasheet HTML 4Page - Vishay Siliconix BZX84 Datasheet HTML 5Page - Vishay Siliconix BZX84 Datasheet HTML 6Page - Vishay Siliconix BZX84 Datasheet HTML 7Page - Vishay Siliconix BZX84 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BZX84-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Feb-13
2
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX84C2V4
Z11
2.2
2.4
2.6
5
1
50
1
100
275
- 9
- 4
BZX84C2V7
Z12
2.5
2.7
2.9
5
1
20
1
100
600
- 9
- 4
BZX84C3V0
Z13
2.8
3.0
3.2
5
1
10
1
95
600
- 9
- 3
BZX84C3V3
Z14
3.1
3.3
3.5
5
1
5
1
95
600
- 8
- 3
BZX84C3V6
Z15
3.4
3.6
3.8
5
1
5
1
90
600
- 8
- 3
BZX84C3V9
Z16
3.7
3.9
4.1
5
1
3
1
90
600
- 7
- 3
BZX84C4V3
Z17
4.0
4.3
4.6
5
1
3
1
90
600
- 6
- 1
BZX84C4V7
Z1
4.4
4.7
5.0
5
1
3
2
80
500
- 5
2
BZX84C5V1
Z2
4.8
5.1
5.4
5
1
2
2
60
480
- 3
4
BZX84C5V6
Z3
5.2
5.6
6.0
5
1
1
2
40
400
- 2
6
BZX84C6V2
Z4
5.8
6.2
6.6
5
1
3
4
10
150
- 1
7
BZX84C6V8
Z5
6.4
6.8
7.2
5
1
2
4
15
80
2
7
BZX84C7V5
Z6
7.0
7.5
7.9
5
1
1
5
15
80
3
7
BZX84C8V2
Z7
7.7
8.2
8.7
5
1
0.7
5
15
80
4
7
BZX84C9V1
Z8
8.5
9.1
9.6
5
1
0.5
6
15
100
5
8
BZX84C10
Z9
9.4
10
10.6
5
1
0.2
7
20
150
5
8
BZX84C11
Y1
10.4
11
11.6
5
1
0.1
8
20
150
5
9
BZX84C12
Y2
11.4
12
12.7
5
1
0.1
8
25
150
6
9
BZX84C13
Y3
12.4
13
14.1
5
1
0.1
8
30
170
7
9
BZX84C15
Y4
13.8
15
15.6
5
1
0.05
10.5
30
200
7
9
BZX84C16
Y5
15.3
16
17.1
5
1
0.05
11.2
40
200
8
9.5
BZX84C18
Y6
16.8
18
19.1
5
1
0.05
12.6
45
225
8
9.5
BZX84C20
Y7
18.8
20
21.2
5
1
0.05
14.0
55
225
8
10
BZX84C22
Y8
20.8
22
23.3
5
1
0.05
15.4
55
250
8
10
BZX84C24
Y9
22.8
24
25.6
5
1
0.05
16.8
70
250
8
10
BZX84C27
Y10
25.1
27
28.9
2
0.5
0.05
18.9
80
300
8
10
BZX84C30
Y11
28
30
32
2
0.5
0.05
21.0
80
300
8
10
BZX84C33
Y12
31
33
35
2
0.5
0.05
23.1
80
325
8
10
BZX84C36
Y13
34
36
38
2
0.5
0.05
25.2
90
350
8
10
BZX84C39
Y14
37
39
41
2
0.5
0.05
27.3
130
350
10
12
BZX84C43
Y15
40
43
46
2
0.5
0.05
30.1
150
375
10
12
BZX84C47
Y16
44
47
50
2
0.5
0.05
32.9
170
375
10
12
BZX84C51
Y17
48
51
54
2
0.5
0.05
35.7
180
400
10
12
BZX84C56
Y18
52
56
60
2
0.5
0.05
39.2
200
425
9
11
BZX84C62
Y19
58
62
66
2
0.5
0.05
43.4
215
450
9
12
BZX84C68
Y20
64
68
72
2
0.5
0.05
47.6
240
475
10
12
BZX84C75
Y21
70
75
79
2
0.5
0.05
52.5
255
500
10
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com