Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 24 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 24 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 22Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 24Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 25Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 27Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
24
Application Diagram:
Fig. 16. Application circuit diagram for a 12V to 1.8 V, 14A Point Of Load Converter
Suggested Bill of Materials for the application circuit:
Part Reference
Quantity Value
Description
Manufacturer
Part Number
1
330uF
SMD Elecrolytic, Fsize, 25V, 20%
Panasonic
EEV-FK1E331P
4
10uF
1206, 16V, X5R, 20%
TDK
C3216X5R1E106M
1
0.1uF
0603, 25V, X7R, 10%
Panasonic
ECJ-1VB1E104K
Lo
1
0.560uH
11.5x10x4mm, 20%, 1.3mOhm
NEC/TOKIN
MPC1040LR56C
Co
8
22uF
0805, 6.3V, X5R, 20%
Panasonic
ECJ-2FB0J226ML
R1
1
49.9k
Thick Film, 0603,1/10 W,1%
Rohm
MCR03EZPFX4992
R2
1
7.5k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX7501
Rt
1
23.7k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2372
Rocset
1
2.55k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2551
RPG
1
10k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX1002
Css C6
2
0.1uF
0603, 25V, X7R, 10%
Panasonic
ECJ-1VB1E104K
R3
1
2.32k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2321
C3
1
220pF
50V, 0603, NPO, 5%
Panasonic
ECJ-1VC1H221J
C4
1
8.2nF
0603, 50V, X7R, 10%
Panasonic
ECJ-1VB1H822K
R8
1
4.02k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX4021
R9
1
2.55k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2551
R10
1
130
Thick Film, 0603,1/10W,1%
Rohm
ERJ-3EKF1300V
C7
1
2200pF
0603, 50V, X7R, 10%
Panasonic
ECJ-1VB1H222K
CVcc
1
1.0uF
0603, 16V, X5R, 20%
Panasonic
ECJ-BVB1C105M
U1
1
IR3840A
SupIRBuck, 14A, PQFN 5x6mm
International Rectifier IR3840AMPbF
Cin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com