Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 1 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 1 Page - International Rectifier

  MCR03EZPFX1002 Datasheet HTML 1Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 2Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 3Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 4Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 5Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 6Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 7Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 8Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev 13.0
1
PD-97659
IR3842WMPbF
Features
•
Greater than 95% Maximum Efficiency
•
Wide Input Voltage Range 1.5V to 16V
•
Wide Output Voltage Range 0.7V to 0.9*Vin
•
Continuous 4A Load Capability
•
Integrated Bootstrap-diode
•
High Bandwidth E/A for excellent transient
performance
•
Programmable Switching Frequency up to 1.5MHz
•
Programmable Over Current Protection
•
PGood output
•
Hiccup Current Limit
•
Precision Reference Voltage (0.7V, +/-1%)
•
Programmable Soft-Start
•
Enable Input with Voltage Monitoring Capability
•
Enhanced Pre-Bias Start-up
•
Seq input for Tracking applications
•
-40oC to 125oC operating junction temperature
•
Thermal Protection
•
Pin compatible option for 8A and 12A devices
•
5mm x 6mm Power QFN Package, 0.9 mm height
•
Lead-free, halogen-free and RoHS compliant
Applications
•
Server Applications
•
Storage Applications
•
Embedded Telecom Systems
Fig. 1. Typical application diagram
Description
The IR3842W SupIRBuckTM is an easy-to-use,
fully integrated and highly efficient DC/DC
synchronous Buck regulator. The MOSFETs co-
packaged with the on-chip PWM controller make
IR3842W a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3842W is a versatile regulator which offers
programmability of start up time, switching
frequency and current limit while operating in
wide input and output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
HIGHLY EFFICIENT
INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo
PGood
PGood
Enable
Rt
1.5V <Vin<16V
Vin
Seq
•
Distributed Point of Load Power Architectures
•
Netcom Applications
•
Computing Peripheral Voltage Regulators
•
General DC-DC Converters


Similar Part No. - MCR03EZPFX1002

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
International Rectifier
MCR03EZPFX1002 IRF-MCR03EZPFX1002 Datasheet
728Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
MCR03EZPFX1002 IRF-MCR03EZPFX1002 Datasheet
740Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
MCR03EZPFX1002 IRF-MCR03EZPFX1002 Datasheet
1Mb / 36P
HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX1002 IRF-MCR03EZPFX1002 Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - MCR03EZPFX1002

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com