Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EROS2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EROS2
Description  Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EROS2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EROS2 Datasheet HTML 1Page - Panasonic Semiconductor EROS2 Datasheet HTML 2Page - Panasonic Semiconductor EROS2 Datasheet HTML 3Page - Panasonic Semiconductor EROS2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–60 –40 –20 0
20 40 60 80 100 120 140 160 180
0
20
40
60
80
100
120
Ambient Temperature (
°C)
150
°C
–55
°C
70
°C
a
c
b
Flat box
Ma
rkin
g
3.2 min.
0.5 max.
0.5 max.
6
±1
L
0.8 max.
L1
L2
0
W
W0
Type
Power
Rating
at 70 °C
(W)
Limiting Element
Voltage
(Maximum RCWV)
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Dielectric
Withstanding
Voltage
(VAC)
T.C.R.
[ 10
–6
/°C
(ppm/°C)]
Resistance
Tolerance
(%)
Resistance
Range
( )
Resis-
tance
Value
min.
max.
EROS2
0.25
250
500
300
±50
F(±1)
D(±0.5)
10
1 M
E24
E96
ERO25
0.25
250
500
500
±50
F(±1)
D(±0.5)
10
1 M
E24
E96
■ Ratings
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= = Power Rating Resistance Value, or Limiting Element Voltage
(maximum RCWV) listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 Power Rating or max. Overload Voltage listed above
whichever less.
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
● Axial taping type
■ Shape and Packaging
Packaging Shape
Type
Part Numbers
Std. Qty.
(pcs./box)
Size of box
a b c (mm)
26 mm
Axial
taping
1
Metal Film R EROS2THO
5000
52 85 255
52 mm
Axial
taping
2
Metal Film R EROS2PHO
5000
78 85 255
26 mm
Axial
taping
3
Metal Film R ERO25THO
4000
52 95 255
52 mm
Axial
taping
4
Metal Film R ERO25PHO
2000
78 58 255
|L1–L2|
<1.0
Cumulative 250±2 mm by 50 pitch
Shape
L
max.
fD
max.
fd
P
±0.3
WW0
1
3.4
1.9
0.45
5.0
26
+1
41.5max.
2
3.4
1.9
0.45
5.0
52±1
64.5±0.5
3
6.5
2.5
0.6
5.0
26
+1
41.5max.
4
6.5
2.5
0.6
5.0
52±1
64.5±0.5
–0
–0
Feb. 2006
Discontinued



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com