Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EROS2C Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EROS2C
Description  Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EROS2C Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EROS2C Datasheet HTML 1Page - Panasonic Semiconductor EROS2C Datasheet HTML 2Page - Panasonic Semiconductor EROS2C Datasheet HTML 3Page - Panasonic Semiconductor EROS2C Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Resistors
P2
F
fd
P1
fD
fD0
P0
h
l
A
P
45
320
Indication
Type
Part Numbers
Std. Qty.
(pcs.)
Metal Film R
EROS2GHO
2000
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
P
12.7±1.0
W0
5 min.
h
0±2
P0
12.7±0.3
W1
9.0±0.5
t
0.7±0.2
P1
3.85±0.70
W2
3 max.
A
3.2±0.2
P2
6.35±1.00
H0
19.0
+1.0
fD
1.7
+0.2
F
5.0±0.5
fD0
4.0±0.2
fd
0.45±0.05
W
18.0±0.5
k
0 max.
–0.1
–0.5
Safety Precautions
1. Keep the rated power and ambient temperature within the specified derating curve.
* When positioning and mounting Metal Film Resistors (hereafter called the resistors), make allowance for the
effect of heat generated through close contact between the resistors and neighboring components and for the
temperature rise of adjacent heat-generating components.
2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the
operations of the resistors when installed in your products before use.
When applying pulses to the resistors, keep the pulse peak within the rated voltage.
3. When the resistors' protective coatings are chipped, flawed, or removed, the characteristics of the resistors may
be impaired. Take special care not to apply mechanical shock during automatic mounting or cause damage
during handling of the boards with the resistors mounted.
4. Ultrasonic cleaning may cut the lead wire due to resonance. Try and check it before use.
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER3 of this catalog.
● Radial Taping for small type
Feb. 2006
Discontinud



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com