Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSSC0LFS Datasheet(PDF) 2 Page - C&K Components

Part # EDSSC0LFS
Description  ED & EDM Dome Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

EDSSC0LFS Datasheet(HTML) 2 Page - C&K Components

  EDSSC0LFS Datasheet HTML 1Page - C&K Components EDSSC0LFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.ck-components.com
B–76
Dimensions shown in: mm
Specifications and dimensions subject to change
B
ED & EDM Dome Series
Switch Action Principal
The disc contact is essentially made
of two separate conductive dome
diaphragms separated by an
insulated material.
The upper diaphragm is shaped so
that under pressure it collapses
suddenly and establishes contact
with the lower diaphragm.
Upper Diaphragm
Lower Diaphragm
Pressure
Insulating
washer
Circular contact area
Switch in resting position
Switch in active position
B
B
10,35±0,15
ø 11,8±0,15
90˚
36˚
ø 1,2
0
-0,1
max
( sur clinquants )
10,8
12,7 ±0,3
10+0,2
0
15±0,2
IMPLANTATION CIRCUIT IMPRIME
Zone de soudure ultra sons
ø0,05 A
0,01
A
10,35 ±0,15
ø 11,8±0,15
12,7±0,3
max
( sur clinquants )
10,8
0,1
A
0,25 A
ED
EDM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com