Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC941GLFS Datasheet(PDF) 1 Page - C&K Components

Part # KSC941GLFS
Description  SMD Sealed Tact Switch for Adjustable Height
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC941GLFS Datasheet(HTML) 1 Page - C&K Components

  KSC941GLFS Datasheet HTML 1Page - C&K Components KSC941GLFS Datasheet HTML 2Page - C&K Components KSC941GLFS Datasheet HTML 3Page - C&K Components KSC941GLFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B
29 May 12
KSC9 Series
SMD Sealed Tact Switch for Adjustable Height
LFS Lead free compatible, silver plated.
LFG Lead free compatible, gold plated.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• SMD switch
• Adjustable height with buttons
• Overload resistance
• Tape & reel
• IP 67
Mechanical
BUTTON INSETION OVERLOAD: 40N
BUTTON RETENTION FORCE: 7N min between -40°C/+85°C
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): > 250 Vrms
CONTACT RESISTANCE: < 100 m
Ω
INSULATION RESISTANCE (100 V initial stage): > 109
Ω
BOUNCE TIME: < 1 ms
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend or Gullwing type for SMT
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
Operating Force
2 1.7N
3 2.55N
4 3.4N
K
S
C
Contact Material
1 Silver
3 Gold
Termination
J J bend
G Gull wing
Type
Force
Operating Life
Travel
(N)
(operations)
(mm)
KSC921J LFS
1.7 ± 0.5
300,000
0.4 ± 0.2
KSC931J LFS
2.55 ± 0.65
300,000
0.4 ± 0.2
KSC941J LFS
3.4 ± 0.85
300,000
0.4 ± 0.2
Typical Applications
• Industrial electronics
• Network equipment
• Telecommunications
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
– Cleaning according to typical washing processes.
– Infrared Reflow Soldering in accordance with IEC 61760-1.
MSL level: 2a
Packaging
In reels of 750 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 330 mm ± 2 mm.
NOTE: This product is designed and manufactured for general electronic devices. For sys-
tems where reliability and safety are required, please contact your sales representative
to secure product integration and function to secure usage.
9
NEW!
S
C
9
B
T
N
Type
NONE 15.4mm height mounted
Color
20 Light grey
40 Red
80 White
90 Black
K
B–38
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com


Similar Part No. - KSC941GLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC94-1G-LFG CK-COMPONENTS-KSC94-1G-LFG Datasheet
112Kb / 1P
Sealed Tact Switches for SMT
2021
KSC94-1G-LSF CK-COMPONENTS-KSC94-1G-LSF Datasheet
112Kb / 1P
Sealed Tact Switches for SMT
2021
KSC94-1JLFG CK-COMPONENTS-KSC94-1JLFG Datasheet
112Kb / 1P
Sealed Tact Switches for SMT
2021
KSC94-1JLSF CK-COMPONENTS-KSC94-1JLSF Datasheet
112Kb / 1P
Sealed Tact Switches for SMT
2021
KSC94-3-G-LFG CK-COMPONENTS-KSC94-3-G-LFG Datasheet
112Kb / 1P
Sealed Tact Switches for SMT
2021
More results

Similar Description - KSC941GLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC CK-COMPONENTS-KSC Datasheet
295Kb / 7P
Sealed Tact Switch for SMT
logo
Analog Devices
KSC222J-LFS AD-KSC222J-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
Sealed Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
List of Unclassifed Man...
KSC323G ETC2-KSC323G Datasheet
250Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com