Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC933GLFS Datasheet(PDF) 2 Page - C&K Components

Part # KSC933GLFS
Description  SMD Sealed Tact Switch for Adjustable Height
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC933GLFS Datasheet(HTML) 2 Page - C&K Components

  KSC933GLFS Datasheet HTML 1Page - C&K Components KSC933GLFS Datasheet HTML 2Page - C&K Components KSC933GLFS Datasheet HTML 3Page - C&K Components KSC933GLFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B–39
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
29 May 12
KSC9 Series
SMD Sealed Tact Switch for Adjustable Height
NEW!
+0,3
6,2 0
0,1
+0,2
6,8 -0,1
3,3 min
ø 4,7±0,1
ø 2,95±0,02
*
TERMINATION
J J BEND
G GULLWING
PAD LAYOUT
PAD LAYOUT
+0,3
6,2 0
0,1
10±0.3
ø 4,7±0,1
+0,3
7,6 0
ø 1,4 ep 0.2 mm
ø 2,95±0,02
12 min.
5,8 max.
*
+0,3
6,2 0
0,1
+0,2
6,8 -0,1
3,3 min
ø 4,7±0,1
ø 2,95±0,02
*
8,6 min
3 max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com