Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGQ2001H Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AGQ2001H
Description  High capacity 2 Amp, Flat and Compact package Telephone switchboard
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGQ2001H Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AGQ2001H Datasheet HTML 1Page - Panasonic Semiconductor AGQ2001H Datasheet HTML 2Page - Panasonic Semiconductor AGQ2001H Datasheet HTML 3Page - Panasonic Semiconductor AGQ2001H Datasheet HTML 4Page - Panasonic Semiconductor AGQ2001H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GQ (AGQ)
ASCTB7E 201209-T
2. Surface-mount terminal
Schematic (Top view)
NOTES
Type
External dimensions
Suggested mounting pad (Tolerance:
±0.1 ±.004)
Single side stable/1 coil latching/High sensitivity single side stable
Single side stable/1 coil latching/High sensitivity single side stable
A type
S type
CAD Data
10.60
±0.3
0.40
±0.1
Max. 5.40
8.40
±0.3
3.20
±0.15
2.20
±0.15
2.20
±0.15
7.20
±0.3
0.20
±0.1
5.08
±0.15
.417
±.012
.016
±.004
.213
.331
±.012
.126
±.006
.087
±.006
.087
±.006
.283
±.012
.008
±.004
.200
±.006
3.20
2.20
2.20
0.80
2.66 6.74
.126
.087
.087
.031
.105 .265
10.60
±0.3
Max. 5.40
0.40
±0.1
3.20
±0.15
2.20
±0.15
2.20
±0.15
7.20
±0.3
7.20
±0.3
0.20
±0.1
5.08
±0.15
.417
±.012
.213
.016
±.004
.126
±.006
.087
±.006
.087
±.006
.283
±.012
.283
±.012
.008
±.004
.200
±.006
3.20
2.20
2.20
0.80
2.06
6.14
.126
.087
.087
.031
.081
.242
Single side stable
High sensitivity single side stable
(Deenergized condition)
1 coil latcing
(Reset condition)
Direction indication
4
3
2
1
5
6
7
8
Direction indication
4
3
2
1
5
6
7
8
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing
(A type)
(1)-1 Tape dimensions
mm inch
(S type)
(1)-2 Tape dimensions
(2) Dimensions of plastic peel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A :
9.8 N {1 kgf} or less
Chucking pressure in the direction B :
9.8 N {1 kgf} or less
Chucking pressure in the direction C :
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be also
avoided.
Orientation (indicates PIN No.1) stripe
Stopper (green)
Stopper (red)
Orientation (indicates PIN No.1) stripe
Stopper (green)
Stopper (red)
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
1.50
dia.
4.00
0.40
1.75
2.00 dia.
2.0
12.0
9.0
Max. 6.55
24.0
±0.3
11.1
11.5
+0.1
0
+.003
.0
GQ relays
.157
.016
.069
.079 dia.
.079
.472
.354
.256
.945
±.012
.437
.453
.059
dia.
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
4.0
0.40
1.75
2.00 dia.
2.0
12.0
7.8
Max. 6.55
11.5
1.50
dia.
+0.1
0
+.003
.0
GQ relays
11.1
24.0
±0.3
.157
.016
.069
.079 dia.
.079
.472
.307
.256
.453
.437
.945
±.012
.059
dia.
21 dia.
13 dia.
2.0
.827 dia.
.512 dia.
.079
80
±1 dia.
3.150
±.039 dia.
330
±2 dia.
12.992
±.079 dia.
For general cautions for use,
please refer to the “Cautions for
use of Signal Relays” or “General
Application Guidelines”.
A
C
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com