Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6D6C60F2LFS Datasheet(PDF) 1 Page - C&K Components

Part # D6D6C60F2LFS
Description  SPST Momentary Key Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

D6D6C60F2LFS Datasheet(HTML) 1 Page - C&K Components

  D6D6C60F2LFS Datasheet HTML 1Page - C&K Components D6D6C60F2LFS Datasheet HTML 2Page - C&K Components D6D6C60F2LFS Datasheet HTML 3Page - C&K Components D6D6C60F2LFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D
D–19
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
D6
SPST Momentary Key Switches
Series
D6C Square
D6R Round
D6L* Plunger
D6F** Flat
Switch Color
00
White
10
Gray
30
Yellow
40
Red
50
Green
60
Blue
90
Black
LFS
D6
Series
BTND6
Button
N
B
T
D
6
Button Color
00
White
10
Gray
30
Yellow
40
Red
50
Green
60
Blue
90
Black
Switch
*Available only in color 90 (black).
** Available only in color 90 (black) and 00 (white).
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Features/Benefits
• Easy X, Y coding on single
side PCB
• Positive tactile feedback
• High temperature
• Wide variety of colors & styles
• RoHS compliant and compatible
Typical Applications
• Video
• Electronic games
• Appliances
Mechanical
SWITCHING TRAVEL:
Version F1: 0.2mm
≤ Te ≤ 1.0 mm
Version F2: 0.3mm
≤ Te ≤ 1.1 mm
OPERATING FORCE:
Version F1: 0.8N
≤ Fa ≤1.8N
Version F2: 2.0N
≤ Fa ≤ 3.5N
Environmental
OPERATING TEMPERATURE: -20˚C to 85˚C.
Process
SOLDERABILITY:
Wave soldering, compatible with lead free soldering profile
Hand soldering, 350˚C for 3 seconds
Construction
FUNCTION: momentary
CONTACT ARRANGEMENT: 1 make contact (SPST), NO
DISTANCE BETWEEN BUTTON CENTERS, MIN.: 12,7 (0.500)
TERMINALS: PC pins
Electrical
SWITCHING POWER MAX.: 3 VA
SWITCHING VOLTAGE MAX.: 32 V DC
SWITCHING CURRENT MAX.: 100 mA DC
DIELECTRIC STRENGTH (50 Hz / 1 min): 250 V
OPERATING LIFE with max. switching power: (2,5x105 operations)
CONTACT RESISTANCE:
≤100 mΩ
INSULATION RESISTANCE:
≥108 Ω
BOUNCE TIME:
≤10 ms
Packaging
The D6 switches are delivered in boxes containing 10 trays with
250 pieces each: Total 2,500 pieces per box.
The D6 buttons are delivered in bulk with 2500 pieces per box.
RoHS compliant and compatible product.
Version F1 or F2.
F
Button
Buttons can be ordered separately.
Shipped in bulk.
D6 button for use with D6C only.
Force
F1
1.3N(STD)
F2
2.5N


Similar Part No. - D6D6C60F2LFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6D0112N ETC2-D6D0112N Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0206N ETC2-D6D0206N Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0206S ETC2-D6D0206S Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0212N ETC2-D6D0212N Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
More results

Similar Description - D6D6C60F2LFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D6C00 ITT-D6C00 Datasheet
102Kb / 4P
SPST Momentary Key Switches
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
List of Unclassifed Man...
D6R90LFS ETC2-D6R90LFS Datasheet
227Kb / 4P
SPST Momentary Key Switches
logo
C&K Components
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
List of Unclassifed Man...
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
Momentary or latching action key switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
logo
C&K Components
D6 CK-COMPONENTS-D6 Datasheet
476Kb / 4P
SPST Momentary Key Switches
21 Feb 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com